Electronic Components Datasheet Search
  English  ▼

X  

PE4508 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4508
Description  75 Ohm N Male Connector Crimp/Solder Attachment For RG6
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4508 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4508 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4508 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4508 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
75 Ohm N Male Connector Crimp/Solder Attachment For RG6
75 Ohm N Male Connector Crimp/Solder Attachment For RG6
Configuration
Connector
N Male
Connector Interface Type
RG6
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Electrical Specifications
Frequency Range, GHz
DC to 1.5
Impedance, Ohms
75
Maximum VSWR
1.3:1
Maximum Operating Voltage, Volts
1,000
Dielectric Withstanding Voltage, Vrms
2,500
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
1.325 [33.66]
Width/Dia., in [mm]
0.8 [20]
.
Weight, lbs [g]
0.068 [30.84]
Connector
Type
N Male
Contact Material and Plating
Brass, Gold
Contact Plating Specification
30µ in. minimum
Coupling Nut Material and Plating
Brass, Nickel
Coupling Nut Plating Specification
100µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm N Male Connector Crimp/Solder Attachment For RG6 PE4508
PE4508
PE4508 REV


Similar Part No. - PE4508

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4508 PASTERNACK-PE4508 Datasheet
322Kb / 3P
75 Ohm N Male Connector Crimp/Solder Attachment
PE45085 PASTERNACK-PE45085 Datasheet
358Kb / 2P
N Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal
PE45086 PASTERNACK-PE45086 Datasheet
340Kb / 3P
75 Ohm MCX Plug Right Angle Push-On Connector Crimp - Solder Attachment for RG179, RG187
PE4508 PASTERNACK-PE4508_16 Datasheet
322Kb / 3P
75 Ohm N Male Connector Crimp/Solder Attachment
More results

Similar Description - PE4508

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44312 PASTERNACK-PE44312 Datasheet
275Kb / 3P
75 Ohm F Male Connector Crimp/Solder Attachment For RG6
PE4507 PASTERNACK-PE4507 Datasheet
243Kb / 3P
75 Ohm N Male Connector Clamp/Solder Attachment For RG6
PE44162 PASTERNACK-PE44162 Datasheet
259Kb / 2P
75 Ohm TNC Male Connector Crimp/Solder Attachment For RG6
PE44320 PASTERNACK-PE44320 Datasheet
264Kb / 2P
75 Ohm F Male Right Angle Connector Crimp/ Solder Attachment For RG6-CATV
PE44452 PASTERNACK-PE44452 Datasheet
205Kb / 2P
75 Ohm F Male Connector Crimp/Solder Attachment For RG6-CATV
PE4514 PASTERNACK-PE4514 Datasheet
231Kb / 2P
75 Ohm N Female Connector Clamp/Solder Attachment For RG6
PE4597 PASTERNACK-PE4597 Datasheet
228Kb / 2P
75 Ohm BNC Male Connector Clamp/Solder Attachment For RG6
PE4598 PASTERNACK-PE4598 Datasheet
250Kb / 2P
75 Ohm BNC Male Connector Crimp/Solder Attachment For RG6
PE4508 PASTERNACK-PE4508_16 Datasheet
322Kb / 3P
75 Ohm N Male Connector Crimp/Solder Attachment
PE44313 PASTERNACK-PE44313 Datasheet
354Kb / 3P
75 Ohm F Male Connector Crimp/Solder Attachment for RG6-CATV, 3 Pieces Connector
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com