Electronic Components Datasheet Search
  English  ▼

X  

FW804 Datasheet(PDF) 4 Page - Agere Systems

Part # FW804
Description  PHY IEEE 1394A Four-Cable Transceiver/Arbiter Device
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

FW804 Datasheet(HTML) 4 Page - Agere Systems

  FW804 Datasheet HTML 1Page - Agere Systems FW804 Datasheet HTML 2Page - Agere Systems FW804 Datasheet HTML 3Page - Agere Systems FW804 Datasheet HTML 4Page - Agere Systems FW804 Datasheet HTML 5Page - Agere Systems FW804 Datasheet HTML 6Page - Agere Systems FW804 Datasheet HTML 7Page - Agere Systems FW804 Datasheet HTML 8Page - Agere Systems FW804 Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
FW804 PHY IEEE 1394A
Data Sheet, Rev. 3
Four-Cable Transceiver/Arbiter Device
June 2001
4
Agere Systems Inc.
Description (continued)
The value of the external resistors are specified to
meet the standard specifications when connected in
parallel with the internal receiver circuits.
The driver output current, along with other internal
operating currents, is set by an external resistor. This
resistor is connected between the R0 and R1 signals
and has a value of 2.49 k
Ω ± 1%.
The FW804 supports suspend/resume as defined in
the IEEE 1394a-2000 specification. The suspend
mechanism allows an FW804 port to be put into a
suspended state. In this state, a port is unable to
transmit or receive data packets, however, it remains
capable of detecting connection status changes and
detecting incoming TPBias. When all ports of the
FW804 are suspended, all circuits except the bias
voltage reference generator, and bias detection
circuits are powered down, resulting in significant
power savings. The use of suspend/resume is
recommended.
Four signals are used as inputs to set four
configuration status bits in the self-identification (self-
ID) packet. These signals are hardwired high or low as
a function of the equipment design. PC[0:2] are the
three signals that indicate either the need for power
from the cable or the ability to supply power to the
cable. The fourth signal, C/LKON, as an input,
indicates whether a node is a contender for bus
manager. When the C/LKON signal is asserted, it
means the node is a contender for bus manager.
When the signal is not asserted, it means that the
node is not a contender. The C bit corresponds to bit
20 in the self-ID packet, PC0 corresponds to bit 21,
PC1 corresponds to bit 22, and PC2 corresponds to bit
23 (see Table 4-29 of the IEEE 1394-1995 standard
for additional details).
A powerdown signal (PD) is provided to allow a
powerdown mode where most of the PHY circuits are
powered down to conserve energy in battery-powered
applications. The internal logic in FW804 is reset as
long as the powerdown signal is asserted. A cable
status signal, CNA, provides a high output when none
of the twisted-pair cable ports are receiving incoming
bias voltage. This output is not debounced. The CNA
output can be used to determine when to power the
PHY down or up. In the powerdown mode, all circuitry
is disabled except the CNA circuitry. It should be noted
that when the device is powered down, it does not act
in a repeater mode.
When the power supply of the PHY is removed while
the twisted-pair cables are connected, the PHY
transmitter and receiver circuitry has been designed to
present a high impedance to the cable in order to not
load the TPBIAS signal voltage on the other end of the
cable.
For reliable operation, the TPBn signals must be
terminated using the normal termination network
regardless of whether a cable is connected to a port or
not connected to a port. For those applications, when
FW804 is used with one or more of the ports not
brought out to a connector, those unused ports may be
left unconnected without normal termination. When a
port does not have a cable connected, internal
connect-detect circuitry will keep the port in a
disconnected state.
Note: All gap counts on all nodes of a 1394 bus must
be identical. This may be accomplished by using
PHY configuration packets (see Section 4.3.4.3
of IEEE 1394-1995 standard) or by using two
bus resets, which resets the gap counts to the
maximum level (3Fh).
The link power status (LPS) signal works with the
C/LKON signal to manage the LLC power usage of the
node. The LPS signal indicates that the LLC of the
node is powered up or powered down. If LPS is
inactive for more than 1.2
µs and less than 25 µs,
PHY/link interface is reset. If LPS is inactive for greater
than 25
µs, the PHY will disable the PHY/link interface
to save power. FW804 continues its repeater function.
If the PHY then receives a link-on packet, the C/LKON
signal is activated to output a 6.114 MHz signal, which
can be used by the LLC to power itself up. Once the
LLC is powered up, the LPS signal communicates this
to the PHY and the PHY/link interface is enabled.
C/LKON signal is turned off when LPS is active or
when a bus reset occurs, provided the interrupt that
caused C/LKON is not present.
Two of the signals are used to set up various test
conditions used in manufacturing. These signals, SE
and SM, should be connected to VSS for normal
operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com