Electronic Components Datasheet Search
  English  ▼

X  

PE4535 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4535
Description  SMA Female Connector Solder Attachment 1/4 inch Stripline PCB
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4535 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4535 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4535 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4535 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
SMA Female Connector Solder Attachment 1/4 inch Stripline PCB
Configuration
Connector
SMA Female
Connector Specification
MIL-C-39012
Connector Interface Type
1/4 inch Stripline
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
0.635 [16.13]
Width/Dia., in [mm]
0.375 [9.53]
Height, in [mm]
0.5 [12.7]
.
Weight, lbs [g]
0.013 [5.9]
Connector
Type
SMA Female
Contact Material and Plating
Gold
Contact Plating Specification
MIL-G-45204
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Female Connector Solder Attachment 1/4 inch Stripline PCB PE4535
PE4535
PE4535 REV
SMA Female Connector Solder Attachment 1/4 inch Stripline PCB


Similar Part No. - PE4535

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4535 PASTERNACK-PE4535 Datasheet
227Kb / 3P
SMA Female Connector Solder Attachment 1/4 inch Stripline PCB
PE45350 PASTERNACK-PE45350 Datasheet
427Kb / 4P
BMA Plug Slide-On Hermetically Sealed Thread-In Mount, Gold Plated
PE45351 PASTERNACK-PE45351 Datasheet
427Kb / 4P
BMA Plug Slide-On Hermetically Sealed Thread-In Mount
PE45352 PASTERNACK-PE45352 Datasheet
428Kb / 4P
BMA Plug Slide-On Hermetically Sealed Thread-In Mount, With Extended Contact
PE45353 PASTERNACK-PE45353 Datasheet
386Kb / 3P
BMA Plug Slide-On Hermetically Sealed Thread-In Mount, With Auxiliary Contact
More results

Similar Description - PE4535

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4190 PASTERNACK-PE4190 Datasheet
244Kb / 2P
SMA Female Connector Solder/Solder (Captive Contact) Attachment 1/8 inch Stripline PCB
PE44205 PASTERNACK-PE44205 Datasheet
268Kb / 2P
SMA Female Connector Solder Attachment 0.047 inch End Launch PCB, .030 inch Diameter
PE4534 PASTERNACK-PE4534 Datasheet
296Kb / 3P
SMA Female Connector Solder/Solder (Captive Contact) Attachment 1/16 inch Stripline PCB
PE4874 PASTERNACK-PE4874 Datasheet
238Kb / 2P
RP SMA Female Connector Solder Attachment 0.062 inch End Launch PCB
PE44204 PASTERNACK-PE44204 Datasheet
223Kb / 3P
SMA Female Connector Solder Attachment 0.042 inch End Launch PCB, .030 inch Diameter
PE44206 PASTERNACK-PE44206 Datasheet
285Kb / 3P
SMA Female Connector Solder Attachment 0.031 inch End Launch PCB
PE44235 PASTERNACK-PE44235 Datasheet
228Kb / 3P
SMA Female Connector Solder Attachment End Launch PCB, .030 inch Diameter
PE44614 PASTERNACK-PE44614 Datasheet
234Kb / 2P
SMA Female Connector Solder Attachment 0.078 inch End Launch PCB
PE4190 PASTERNACK-PE4190_16 Datasheet
322Kb / 3P
SMA Female Connector Solder/Solder Attachment 1/8 inch Stripline PCB
PE4535 PASTERNACK-PE4535_13 Datasheet
227Kb / 3P
SMA Female Connector Solder Attachment 1/4 inch Stripline PCB
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com