Electronic Components Datasheet Search
  English  ▼

X  

PE4726 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4726
Description  RP BNC Male Connector Clamp/Solder Attachment For PE-B400, PE-B405
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4726 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4726 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4726 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
RP BNC Male Connector Clamp/Solder Attachment For PE-B400, PE-B405
Configuration
Connector
BNC Male Reverse Polarity
Connector Interface Type
PE-B400,PE-B405
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
1.66 [42.16]
Width/Dia., in [mm]
0.75 [19.05]
.
Weight, lbs [g]
0.096 [43.54]
Connector
Type
BNC Male Reverse Polarity
Contact Material and Plating
Silver
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
RP BNC Male Connector Clamp/Solder Attachment For PE-B400, PE-B405 from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and
are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: RP BNC Male Connector Clamp/Solder Attachment For PE-B400, PE-B405 PE4726
URL: http://www.pasternack.com/bnc-male-reverse-polarity-pe-b400-pe-b405-connector-pe4726-p.aspx
PE4726
PE4726 REV
RP BNC Male Connector Clamp/Solder
Attachment For PE-B400, PE-B405


Similar Part No. - PE4726

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4720 PASTERNACK-PE4720 Datasheet
274Kb / 2P
RP BNC Male Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4721 PASTERNACK-PE4721 Datasheet
102Kb / 1P
PASTERNACK ENTERPRISES
PE4722 PASTERNACK-PE4722 Datasheet
104Kb / 1P
PASTERNACK ENTERPRISES
PE4723 PASTERNACK-PE4723 Datasheet
214Kb / 2P
RP BNC Male Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE4725 PASTERNACK-PE4725 Datasheet
95Kb / 1P
REVERSE POLARITY BNC MALE SOLDER ATTACHMENT FOR RG405 PE-SR405AL & PE-SR405FL
More results

Similar Description - PE4726

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44293 PASTERNACK-PE44293 Datasheet
229Kb / 3P
TNC Male Connector Crimp/Solder Attachment For PE-B400, PE-B405, PE-C400
PE4133 PASTERNACK-PE4133 Datasheet
245Kb / 3P
N Male Connector Clamp/Solder Attachment For PE-B400, PE-B405, PE-C400
PE4386 PASTERNACK-PE4386 Datasheet
306Kb / 2P
BNC Male Connector Clamp/Solder Attachment For PE-B400, PE-B405, PE-C400
PE44054 PASTERNACK-PE44054 Datasheet
206Kb / 2P
UHF Male Connector Crimp/Solder Attachment For PE-B400, PE-B405, PE-C400
PE4372 PASTERNACK-PE4372 Datasheet
207Kb / 2P
N Female Connector Clamp-Solder Attachment For PE-B400, PE-B405, PE-C400
PE44470 PASTERNACK-PE44470 Datasheet
206Kb / 2P
RP N Male Connector Crimp-Solder Attachment For PE-B400, PE-B405, PE-C400
PE44522 PASTERNACK-PE44522 Datasheet
256Kb / 2P
N Male Connector Crimp-Solder Attachment For PE-C400, 0.400 inch, PE-B400, PE-B405, LMR-400
PE44666 PASTERNACK-PE44666 Datasheet
215Kb / 3P
RP SMA Male Connector Crimp - Solder Attachment For PE-B400, PE-B405, PE-C400, LMR-400, LMR-400-DB, LMR-400-UF
PE4449 PASTERNACK-PE4449 Datasheet
209Kb / 2P
TNC Male Connector Clamp - Solder Attachment For PE-B400, PE-B405, PE-C400
PE4674 PASTERNACK-PE4674 Datasheet
217Kb / 2P
RP TNC Male Connector Clamp - Solder Attachment For PE-B400, PE-B405
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com