Electronic Components Datasheet Search
  English  ▼

X  

L7556 Datasheet(PDF) 4 Page - Agere Systems

Part # L7556
Description  Low-Power SLICs with Battery Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

L7556 Datasheet(HTML) 4 Page - Agere Systems

  L7556 Datasheet HTML 1Page - Agere Systems L7556 Datasheet HTML 2Page - Agere Systems L7556 Datasheet HTML 3Page - Agere Systems L7556 Datasheet HTML 4Page - Agere Systems L7556 Datasheet HTML 5Page - Agere Systems L7556 Datasheet HTML 6Page - Agere Systems L7556 Datasheet HTML 7Page - Agere Systems L7556 Datasheet HTML 8Page - Agere Systems L7556 Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
4
Lucent Technologies Inc.
Data Sheet
January 2000
with Battery Switch
L7556, L7557 Low-Power SLICs
Pin Information
12-2548.q (F)
Figure 2. Pin Diagram (PLCC Chip)
Table 1. Pin Descriptions
Pin
Symbol Type
Description
1
VBAT2
—
Auxiliary Battery Supply. Negative high-voltage battery, lower in magnitude than
VBAT1, used to reduce power dissipation on short loops.
2
IPROG
I
Current-Limit Program Input. A resistor to DCOUT sets the dc current limit of the
device.
3
BS
I
Battery Switch. See Table 2 for description.
4
NC
—
No Connection (L7556 Only). Do not use as a tie point.
4
LBAT
O
Lower Battery in Use (L7557 Only). When high, this open-collector output indicates
the device has switched to VBAT2. To use, connect a 100 k
Ω resistor to VCC.
5
VCC
—
+5 V Power Supply.
6
RCVP
I
Receive ac Signal Input (Noninverting). This high-impedance input controls the ac
differential voltage on tip and ring.
7
RCVN
I
Receive ac Signal Input (Inverting). This high-impedance input controls the ac differ-
ential voltage on tip and ring.
8
LCTH
I
Loop Closure Threshold Input. Connect a resistor to DCOUT to set off-hook thresh-
old.
9
DCOUT
O
dc Output Voltage. This output is a voltage that is directly proportional to the absolute
value of the differential tip/ring current.
10
VBAT1
—
Battery Supply. Negative high-voltage power supply, higher in magnitude than VBAT2.
B1
XMT
NLC
NRDET
RTSP
RTSN
PT
5
7
8
9
10
11
12
13
14
15
6
4
3
2
1
32
31
16
18
19
20
17
30
27
26
25
24
23
22
21
28
29
SN
BGND
RCVN
RCVP
VCC
LCTH
VBAT1
DCOUT
PR
CF2
CF1
32-PIN PLCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com