Electronic Components Datasheet Search
  English  ▼

X  

L7581 Datasheet(PDF) 4 Page - Agere Systems

Part # L7581
Description  Ringing Access Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

L7581 Datasheet(HTML) 4 Page - Agere Systems

  L7581 Datasheet HTML 1Page - Agere Systems L7581 Datasheet HTML 2Page - Agere Systems L7581 Datasheet HTML 3Page - Agere Systems L7581 Datasheet HTML 4Page - Agere Systems L7581 Datasheet HTML 5Page - Agere Systems L7581 Datasheet HTML 6Page - Agere Systems L7581 Datasheet HTML 7Page - Agere Systems L7581 Datasheet HTML 8Page - Agere Systems L7581 Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
Lucent Technologies Inc.
Data Sheet
November 1999
L7581 Ringing Access Switch
Electrical Characteristics
TA = –40 °C to +85 °C, unless otherwise specified.
Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are
the result of engineering evaluations. Typical values are for information purposes only and are not part of the test-
ing requirements.
Table 4. Power Supply Specifications
*VBAT is used only as a reference for internal protection circuitry. If VBAT rises above –10 V, the device will enter an all OFF state and remain in
this state until the battery voltage drops below –15 V.
Table 5. Break Switches, 1 and 2
* This parameter is not tested in production. Choice of secondary protector should ensure this rating is not exceeded.
† Applied voltage is 100 Vp-p square wave at 100 Hz.
Supply
Min
Typ
Max
Unit
VDD
4.5
5
5.5
V
VBAT*
–19
—
–72
V
Parameter
Test Condition
Measure
Min
Typ
Max
Unit
OFF-state Leakage
Current:
+25 °C
+85 °C
–40 °C
Vswitch (differential) = –320 V to Gnd
Vswitch (differential) = –60 V to +260 V
Vswitch (differential) = –330 V to Gnd
Vswitch (differential) = –60 V to +270 V
Vswitch (differential) = –310 V to Gnd
Vswitch (differential) = –60 V to +250 V
Iswitch
Iswitch
Iswitch
—
—
—
—
—
—
1
1
1
µA
µA
µA
ON-resistance
(SW1, SW2):
+25 °C
+85 °C
–40 °C
TLINE = ±10 mA, ±40 mA, TBAT = –2 V
TLINE = ±10 mA, ±40 mA, TBAT = –2 V
TLINE = ±10 mA, ±40 mA, TBAT = –2 V
∆ VON
∆ VON
∆ VON
—
—
—
19.5
—
14.5
—
28
—
Ω
Ω
Ω
ON-resistance Match
Per ON-resistance test
condition of SW1, SW2
Magnitude
RON SW1 – RON SW2
—0.2
1.0
Ω
ON-state Voltage*
Iswitch = ILIMIT @ 50 Hz/60 Hz
VON
——
220
V
dc Current Limit:
+85 °C
–40 °C
Vswitch (on) = ±10 V
Vswitch (on) = ±10 V
Iswitch
Iswitch
80
—
—
—
—
250
mA
mA
Dynamic Current Limit
(t = <0.5 µs)
Break switches in ON state; ringing
access switches off; apply ±1000 V at
10/1000 µs pulse; appropriate second-
ary protection in place
Iswitch
—
2.5
—
A
Isolation:
+25 °C
+85 °C
–40 °C
Vswitch (both poles) = ±320 V,
Logic inputs = Gnd
Vswitch (both poles) = ±330 V,
Logic inputs = Gnd
Vswitch (both poles) = ±310 V,
Logic inputs = Gnd
Iswitch
Iswitch
Iswitch
—
—
—
—
—
—
1
1
1
µA
µA
µA
dV/dt Sensitivity†
—
—
—
200
—
V/µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com