Electronic Components Datasheet Search
  English  ▼

X  

PE4815 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4815
Description  D-Sub Plug Contact Solder Attachment For RG180, RG195
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4815 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4815 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4815 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
D-Sub Plug Contact Solder Attachment For RG180, RG195
Configuration
Connector
D-Sub Plug
Connector Interface Type
RG180,RG195
Cable Attachment Method (Shield/Contact)
Solder/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
1.035 [26.29]
Width/Dia., in [mm]
0.235 [5.97]
.
Weight, lbs [g]
0.006 [2.72]
Connector
Type
D-Sub Plug
Contact Material and Plating
Gold
Body Material and Plating
Brass, Gold
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
Plotted and Other Data
Notes:
Values at 25 °C, sea level
D-Sub Plug Contact Solder Attachment For RG180, RG195 from Pasternack Enterprises has same day shipment for domestic
and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest
selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: D-Sub Plug Contact Solder Attachment For RG180, RG195 PE4815
URL: http://www.pasternack.com/d-sub-plug-standard-rg180-rg195-connector-pe4815-p.aspx
PE4815
PE4815 REV
D-Sub Plug Contact Solder Attachment For RG180, RG195


Similar Part No. - PE4815

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4810 PASTERNACK-PE4810 Datasheet
203Kb / 2P
D-Sub Plug Contact Crimp-Solder Attachment For RG178, RG196
PE4811 PASTERNACK-PE4811 Datasheet
94Kb / 1P
PASTERNACK ENTERPRISES
PE4812 PASTERNACK-PE4812 Datasheet
95Kb / 1P
PASTERNACK ENTERPRISES
PE4813 PASTERNACK-PE4813 Datasheet
97Kb / 1P
PASTERNACK ENTERPRISES
PE4814 PASTERNACK-PE4814 Datasheet
93Kb / 1P
D-Subminature PLUG RIGHT ANGLE SOLDER ATTACHMENT FOR RG178& RG196
More results

Similar Description - PE4815

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4777 PASTERNACK-PE4777 Datasheet
257Kb / 2P
RP SMA Malle Connector Crimp/Solder Attachment For RG180, RG195
PE4776 PASTERNACK-PE4776 Datasheet
255Kb / 2P
RP SMA Male Connector Clamp/Solder Attachment For RG180, RG195
PE4803 PASTERNACK-PE4803 Datasheet
252Kb / 2P
D-Sub Receptacle Contact Crimp/Solder Attachment For RG180, RG195
PE4827 PASTERNACK-PE4827 Datasheet
248Kb / 2P
D-Sub Plug Right Angle Contact Crimp/ Solder Attachment For RG180, RG195
PE4831 PASTERNACK-PE4831 Datasheet
247Kb / 2P
D-Sub Plug Right Angle Contact Solder Attachment For RG180, RG195
PE4157 PASTERNACK-PE4157 Datasheet
217Kb / 3P
75 Ohm SMB Plug Connector Crimp/Solder Attachment For RG180, RG195
PE4807 PASTERNACK-PE4807 Datasheet
205Kb / 2P
D-Sub Receptacle Contact Solder Attachment For RG180, RG195
PE4823 PASTERNACK-PE4823 Datasheet
204Kb / 2P
D-Sub Receptacle Right Angle Contact Solder Attachment For RG180, RG195
PE4578 PASTERNACK-PE4578 Datasheet
205Kb / 2P
SMA Male Connector Crimp - Solder Attachment For RG180, RG195
PE4158 PASTERNACK-PE4158 Datasheet
219Kb / 3P
75 Ohm SMC Plug Connector Crimp - Solder Attachment For RG180, RG195
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com