Electronic Components Datasheet Search
  English  ▼

X  

PE4822 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4822
Description  D-Sub Receptacle Right Angle Contact Solder Attachment For RG178, RG196
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4822 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4822 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4822 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
D-Sub Receptacle Right Angle Contact Solder Attachment For RG178, RG196
Configuration
Connector
D-Sub Receptacle
Connector Interface Type
RG178,RG196
Cable Attachment Method (Shield/Contact)
Solder/Solder
Body Style
Right Angle
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.755 [19.18]
Height, in [mm]
0.6 [15.24]
.
Weight, lbs [g]
0.006 [2.72]
Connector
Type
D-Sub Receptacle
Contact Material and Plating
Gold
Body Material and Plating
Brass, Gold
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
Plotted and Other Data
Notes:
Values at 25 °C, sea level
D-Sub Receptacle Right Angle Contact Solder Attachment For RG178, RG196 from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and
are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: D-Sub Receptacle Right Angle Contact Solder Attachment For RG178, RG196 PE4822
URL: http://www.pasternack.com/d-sub-receptacle-standard-rg178-rg196-connector-pe4822-p.aspx
PE4822
PE4822 REV
D-Sub Receptacle Right Angle Contact Solder
Attachment For RG178, RG196


Similar Part No. - PE4822

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4820 PASTERNACK-PE4820 Datasheet
93Kb / 1P
D SUBMINIA TURE RECEPTACLE RIGHT ANGLE SOLDER ATTACHMENT FOR RG58 RG141 RG303
logo
Beijing Yaohuadechang E...
PE4820-I YHDC-PE4820-I Datasheet
6Mb / 1P
PE series PCB safety isolation transformer
PE4820-M YHDC-PE4820-M Datasheet
629Kb / 1P
PE series PCB safety isolation transformer
PE4820R-M YHDC-PE4820R-M Datasheet
4Mb / 1P
PE series PCB safety isolation transformer
logo
Pasternack Enterprises,...
PE4821 PASTERNACK-PE4821 Datasheet
250Kb / 2P
D-Sub Receptacle Right Angle Contact Solder Attachment For RG174, RG316, RG187, RG188
More results

Similar Description - PE4822

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4830 PASTERNACK-PE4830 Datasheet
247Kb / 2P
D-Sub Plug Right Angle Contact Solder Attachment For RG178, RG196
PE4814 PASTERNACK-PE4814 Datasheet
93Kb / 1P
D-Subminature PLUG RIGHT ANGLE SOLDER ATTACHMENT FOR RG178& RG196
PE4108 PASTERNACK-PE4108 Datasheet
206Kb / 2P
SMA Male Right Angle Connector Clamp/ Solder Attachment For RG178, RG196
PE4802 PASTERNACK-PE4802 Datasheet
204Kb / 2P
D-Sub Receptacle Contact Crimp/Solder Attachment For RG178, RG196
PE4818 PASTERNACK-PE4818 Datasheet
204Kb / 2P
D-Sub Receptacle Right Angle Contact Crimp Solder Attachment For RG178, RG196
PE4826 PASTERNACK-PE4826 Datasheet
202Kb / 2P
D-Sub Plug Right Angle Contact Crimp/ Solder Attachment For RG178, RG196
PE4806 PASTERNACK-PE4806 Datasheet
204Kb / 2P
D-Sub Receptacle Contact Solder Attachment For RG178, RG196
PE4810 PASTERNACK-PE4810 Datasheet
203Kb / 2P
D-Sub Plug Contact Crimp-Solder Attachment For RG178, RG196
PE44914 PASTERNACK-PE44914 Datasheet
376Kb / 3P
SMP Female Right Angle Connector Solder Attachment for RG178, RG196
PE44402 PASTERNACK-PE44402 Datasheet
114Kb / 1P
SSMA MALE RIGHT ANGLE, SOLDER ATTACHMENT FOR RG178 & RG196
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com