Electronic Components Datasheet Search
  English  ▼

X  

PE4830 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4830
Description  D-Sub Plug Right Angle Contact Solder Attachment For RG178, RG196
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4830 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4830 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4830 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
D-Sub Plug Right Angle Contact Solder Attachment For RG178, RG196
Configuration
Connector
D-Sub Plug
Connector Interface Type
RG178,RG196
Cable Attachment Method (Shield/Contact)
Solder/Solder
Body Style
Right Angle
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.735 [18.67]
Height, in [mm]
0.605 [15.37]
.
Weight, lbs [g]
0.006 [2.72]
Connector
Type
D-Sub Plug
Contact Material and Plating
Gold
Body Material and Plating
Brass, Gold
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
Plotted and Other Data
Notes:
Values at 25 °C, sea level
D-Sub Plug Right Angle Contact Solder Attachment For RG178, RG196 from Pasternack Enterprises has same day shipment
for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of
the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: D-Sub Plug Right Angle Contact Solder Attachment For RG178, RG196 PE4830
URL: http://www.pasternack.com/d-sub-plug-standard-rg178-rg196-connector-pe4830-p.aspx
PE4830
PE4830 REV
D-Sub Plug Right Angle Contact Solder
Attachment For RG178, RG196


Similar Part No. - PE4830

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4831 PASTERNACK-PE4831 Datasheet
247Kb / 2P
D-Sub Plug Right Angle Contact Solder Attachment For RG180, RG195
PE4832 PASTERNACK-PE4832 Datasheet
234Kb / 2P
D-Sub Receptacle Contact Solder Attachment Thru Hole PCB, .200 inch x .046 inch Hole Spacing
PE4833 PASTERNACK-PE4833 Datasheet
214Kb / 3P
D-Sub Plug Contact Solder Attachment Thru Hole PCB, .200 inch x .046 inch Hole Spacing
PE4834 PASTERNACK-PE4834 Datasheet
241Kb / 3P
D-Sub Receptacle Right Angle Contact Solder Attachment Thru Hole PCB, .200 inch x .046 inch Hole Spacing
PE4835 PASTERNACK-PE4835 Datasheet
236Kb / 2P
D-Sub Plug Right Angle Contact Solder Attachment Thru Hole PCB, .200 inch x .046 inch Hole Spacing
More results

Similar Description - PE4830

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4263 PASTERNACK-PE4263 Datasheet
254Kb / 2P
SMC Plug Right Angle Connector Clamp/Solder Attachment For RG178, RG196
PE4554 PASTERNACK-PE4554 Datasheet
286Kb / 3P
MCX Plug Right Angle Connector Crimp/ Solder Attachment For RG178, RG196
PE4822 PASTERNACK-PE4822 Datasheet
249Kb / 2P
D-Sub Receptacle Right Angle Contact Solder Attachment For RG178, RG196
PE4814 PASTERNACK-PE4814 Datasheet
93Kb / 1P
D-Subminature PLUG RIGHT ANGLE SOLDER ATTACHMENT FOR RG178& RG196
PE4159 PASTERNACK-PE4159 Datasheet
282Kb / 2P
SMB Plug Right Angle Connector Crimp/ Solder Attachment For RG178, RG196
PE4802 PASTERNACK-PE4802 Datasheet
204Kb / 2P
D-Sub Receptacle Contact Crimp/Solder Attachment For RG178, RG196
PE4818 PASTERNACK-PE4818 Datasheet
204Kb / 2P
D-Sub Receptacle Right Angle Contact Crimp Solder Attachment For RG178, RG196
PE4826 PASTERNACK-PE4826 Datasheet
202Kb / 2P
D-Sub Plug Right Angle Contact Crimp/ Solder Attachment For RG178, RG196
PE4806 PASTERNACK-PE4806 Datasheet
204Kb / 2P
D-Sub Receptacle Contact Solder Attachment For RG178, RG196
PE4810 PASTERNACK-PE4810 Datasheet
203Kb / 2P
D-Sub Plug Contact Crimp-Solder Attachment For RG178, RG196
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com