Electronic Components Datasheet Search
  English  ▼

X  

PE4865 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4865
Description  RP SMA Female Bulkhead Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405, .235 inch D Hole
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4865 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4865 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4865 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
RP SMA Female Bulkhead Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405,
.235 inch D Hole
Configuration
Connector
SMA Female Reverse Polarity
Connector Interface Type
PE-SR405AL,PE-SR405FL,RG405
Cable Attachment Method (Shield/Contact)
Solder/Solder
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
0.75 [19.05]
Width/Dia., in [mm]
0.438 [11.13]
.
Weight, lbs [g]
0.006 [2.72]
Connector
Type
SMA Female Reverse Polarity
Contact Material and Plating
Gold
Body Material and Plating
Stainless Steel, Gold
Dielectric Type
PTFE
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
RP SMA Female Bulkhead Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405, .235 inch D Hole from
Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and fiber optic
products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: RP SMA Female Bulkhead Connector Solder Attachment For PE-SR405AL, PE-SR405FL,
RG405, .235 inch D Hole PE4865
URL:
http://www.pasternack.com/sma-female-reverse-polarity-pe-sr405al-pe-sr405fl-rg405-connector-pe4865-p.aspx
PE4865
PE4865 REV
RP SMA Female Bulkhead Connector Solder Attachment For
PE-SR405AL, PE-SR405FL, RG405, .235 inch D Hole


Similar Part No. - PE4865

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4860 PASTERNACK-PE4860 Datasheet
93Kb / 1P
REVERSE POLARITY SMA FEMALE BULKHEAD SOLDER ATTACHMENT FOR RG174 RG188 RG316
PE4861 PASTERNACK-PE4861 Datasheet
224Kb / 3P
RP SMA Female Bulkhead Connector Clamp/Solder Attachment For RG178, RG196, .235 inch D Hole
PE4862 PASTERNACK-PE4862 Datasheet
276Kb / 3P
RP SMA Female Bulkhead Connector Crimp/Solder Attachment For RG178, RG196, .235 inch D Hole
PE4863 PASTERNACK-PE4863 Datasheet
105Kb / 1P
REVERSE POLARITY SMA FEMALE BULKHEAD SOLDER ATTACHMENT FOR RG178 RG196
PE4864 PASTERNACK-PE4864 Datasheet
259Kb / 2P
RP SMA Female Bulkhead Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402, .235 inch D Hole
More results

Similar Description - PE4865

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44256 PASTERNACK-PE44256 Datasheet
266Kb / 3P
1.0/2.3 Jack Bulkhead Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405, .235 inch D Hole
PE4147 PASTERNACK-PE4147 Datasheet
503Kb / 2P
TNC Female Bulkhead Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405, PE-SR405FLJ, .480 inch D Hole
PE4116 PASTERNACK-PE4116 Datasheet
213Kb / 2P
SMA Female Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4119 PASTERNACK-PE4119 Datasheet
292Kb / 3P
SMA Female Bulkhead Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405, .235 inch D Hole
PE4779 PASTERNACK-PE4779 Datasheet
208Kb / 2P
RP SMA Male Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4853 PASTERNACK-PE4853 Datasheet
209Kb / 2P
RP SMA Female Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405
PE4986 PASTERNACK-PE4986 Datasheet
284Kb / 3P
3.5mm Female Bulkhead Connector Clamp/Solder Attachment For PE-SR405AL, PE-SR405FL, RG405, .235 inch D Hole
PE44696 PASTERNACK-PE44696 Datasheet
910Kb / 3P
SMA Female Bulkhead Precision Connector Solder Attachment For PE-SR405AL, PE-SR405FL, PE-SR405FLJ, RG405
PE44499 PASTERNACK-PE44499 Datasheet
219Kb / 2P
QMA Female Bulkhead Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405, .268 inch D Hole
PE44390 PASTERNACK-PE44390 Datasheet
226Kb / 3P
SSMA Female Bulkhead Connector Solder Attachment For PE-SR405AL, PE-SR405FL, RG405, .177 inch D Hole
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com