Electronic Components Datasheet Search
  English  ▼

X  

PE4867 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4867
Description  RP SMA Female Connector Solder Attachment 2 Hole Flange Solder Cup Terminal, .481 inch Hole Spacing
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4867 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4867 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4867 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4867 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
RP SMA Female Connector Solder Attachment 2 Hole Flange Solder Cup Terminal, .481 inch Hole
Spacing
Configuration
Connector
SMA Female Reverse Polarity
Connector Specification
MIL-C-39012
Connector Interface Type
Solder Cup
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Mount Method
2 Hole Flange
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
0.575 [14.61]
Width/Dia., in [mm]
0.223 [5.66]
Height, in [mm]
0.625 [15.88]
.
Weight, lbs [g]
0.006 [2.72]
Connector
Type
SMA Female Reverse Polarity
Contact Material and Plating
Gold
Contact Plating Specification
MIL-G-45204
Body Material and Plating
Stainless Steel, Gold
Body Plating Specification
MIL-G-45204
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: RP SMA Female Connector Solder Attachment 2 Hole Flange Solder Cup Terminal, .481 inch
Hole Spacing PE4867
PE4867
PE4867 REV
RP SMA Female Connector Solder Attachment 2 Hole
Flange Solder Cup Terminal, .481 inch Hole Spacing


Similar Part No. - PE4867

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4860 PASTERNACK-PE4860 Datasheet
93Kb / 1P
REVERSE POLARITY SMA FEMALE BULKHEAD SOLDER ATTACHMENT FOR RG174 RG188 RG316
PE4861 PASTERNACK-PE4861 Datasheet
224Kb / 3P
RP SMA Female Bulkhead Connector Clamp/Solder Attachment For RG178, RG196, .235 inch D Hole
PE4862 PASTERNACK-PE4862 Datasheet
276Kb / 3P
RP SMA Female Bulkhead Connector Crimp/Solder Attachment For RG178, RG196, .235 inch D Hole
PE4863 PASTERNACK-PE4863 Datasheet
105Kb / 1P
REVERSE POLARITY SMA FEMALE BULKHEAD SOLDER ATTACHMENT FOR RG178 RG196
PE4864 PASTERNACK-PE4864 Datasheet
259Kb / 2P
RP SMA Female Bulkhead Connector Solder Attachment For PE-SR402AL, PE-SR402FL, RG402, .235 inch D Hole
More results

Similar Description - PE4867

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4218 PASTERNACK-PE4218 Datasheet
217Kb / 3P
SMA Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .718 inch Hole Spacing
PE4763 PASTERNACK-PE4763 Datasheet
238Kb / 2P
RP BNC Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .500 inch Hole Spacing
PE4370 PASTERNACK-PE4370 Datasheet
235Kb / 2P
SMA Female Connector Solder Attachment 2 Hole Flange Tab Terminal, .481 inch Hole Spacing
PE4004 PASTERNACK-PE4004 Datasheet
254Kb / 2P
SMA Female Connector Solder Attachment 2 Hole Flange Tab Terminal, .481 inch Hole Spacing
PE4125 PASTERNACK-PE4125 Datasheet
228Kb / 3P
SMA Male Connector Solder Attachment 2 Hole Flange Solder Cup Terminal, .481 inch Hole Spacing
PE44341 PASTERNACK-PE44341 Datasheet
371Kb / 3P
SMA Female Precision Connector Solder Attachment 2 Hole Flange Mount Solder Cup Terminal, .481 inch Hole Spacing
PE4866 PASTERNACK-PE4866 Datasheet
218Kb / 3P
RP SMA Female Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .340 inch Hole Spacing
PE4004 PASTERNACK-PE4004_16 Datasheet
358Kb / 3P
SMA Female Connector Solder Attachment 2 Hole Flange Mount Solder Cup Terminal
PE4125 PASTERNACK-PE4125_16 Datasheet
322Kb / 3P
SMA Male Connector Solder Attachment 2 Hole Flang Mount Solder Cup Terminal, .481 inch Hole Spacing
PE4370 PASTERNACK-PE4370_17 Datasheet
670Kb / 3P
SMA Female Connector Solder Attachment 2 Hole Flange Mount Tab Terminal, .481 inch Hole Spacing
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com