Electronic Components Datasheet Search
  English  ▼

X  

L8560 Datasheet(PDF) 4 Page - Agere Systems

Part # L8560
Description  Low-Power SLIC with Ringing
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

L8560 Datasheet(HTML) 4 Page - Agere Systems

  L8560 Datasheet HTML 1Page - Agere Systems L8560 Datasheet HTML 2Page - Agere Systems L8560 Datasheet HTML 3Page - Agere Systems L8560 Datasheet HTML 4Page - Agere Systems L8560 Datasheet HTML 5Page - Agere Systems L8560 Datasheet HTML 6Page - Agere Systems L8560 Datasheet HTML 7Page - Agere Systems L8560 Datasheet HTML 8Page - Agere Systems L8560 Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
Data Sheet
April 2000
L8560 Low-Power SLIC with Ringing
4
Lucent Technologies Inc.
Description (continued)
The L8560 product family is graded by different fea-
tures, specifications, and package options. The
L8560Axx is the basic full-feature SLIC that operates
with 5 V and a battery supply, and is available in the
32-pin PLCC (AAU) package and the 44-pin PLCC
package (AP). This part is graded as the 54 dB longitu-
dinal balance part. Additional features (spare op amp
and overhead voltage programming) are available in
the 44-pin PLCC package.
The L8560CAU is available only in the 32-pin PLCC
package and has a feature set similar to the AAU ver-
sion, except the CAU version requires +5 V, –5 V, and
battery power supplies. With this option, power con-
sumption is greatly reduced.
The L8560DAU and L8560EP are available in the
32-pin and 44-pin PLCC packages and have feature
sets identical to the L8560AAU and L8560AP, respec-
tively, with the following modifications. These parts are
graded as high longitudinal balance (63 dB), and have
an additional logic state (scan with low battery) which
allows for low on-hook power dissipation.
The L8560FAU and L8560GP are available in the
32-pin and 44-pin PLCC packages and have feature
sets identical to the L8560AAU and L8560AP, respec-
tively, with the following modifications. These parts are
graded for lower longitudinal balance (50 dB), and
have an additional logic state (scan with battery) which
allows for low on-hook power dissipation.
Table 1 below summarizes the features in the L8560
product family.
Table 1. L8560 Product Family Feature Summary
* More information is provided in the Applications section of this document.
Feature
L8560
AAU
AP
CAU
DAU
EP
FAU
GP
32-Pin PLCC
X
NAX
XNA
X
NA
44-Pin PLCC
NA
X
NA
NA
X
NA
X
5 V Operation
X
X
NA
X
X
X
X
±5 V Operation (reduced power consumption)
NA
NA
X
NA
NA
NA
NA
Operational VBAT1 (V)
–70
–70
–70
–70
–70
–70
–70
Battery Switch
XX
XX
XX
X
Balanced Ring Mode
X
X
X
X
X
X
X
Adjustable Overhead
NA
X
NA
NA
X
NA
X
Spare Op Amp
NA
X
NA
NA
X
NA
X
Reverse Battery
X
XX
XX
XX
Scan Mode
XX
XX
XX
X
Scan Mode with Low Battery
NA
NA
NA
X
X
X
X
Longitudinal Balance (dB)*
54
54
54
63
63
50
50
On-hook Transmission
XX
XX
XX
X
Ground Start
X
X
X
X
X
X
X
Loop Start
X
X
X
X
X
X
X
Ring Trip Detector
XX
XX
XX
X
Programmable Current Limit
X
X
X
X
X
X
X
Thermal Protection
X
X
X
X
X
X
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com