Electronic Components Datasheet Search
  English  ▼

X  

PE4886 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4886
Description  MCX Jack Bulkhead Connector Crimp/Solder Attachment For RG178, RG196, .177 inch D Hole
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4886 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4886 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4886 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4886 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
MCX Jack Bulkhead Connector Crimp/Solder Attachment For RG178, RG196, .177 inch D Hole
Configuration
Connector
MCX Jack
Connector Specification
MIL-C-39012
Connector Interface Type
RG178,RG196
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Frequency Range, GHz
DC to 6
Impedance, Ohms
50
Maximum VSWR
1.41:1
Maximum Operating Voltage, Volts
250
Dielectric Withstanding Voltage, Vrms
750
Frequency 1
Frequency, MHz
DC to 1,000
VSWR
1.21:1
Insertion Loss, dB
0.1
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
0.655 [16.64]
Width/Dia., in [mm]
0.25 [6.35]
.
Weight, lbs [g]
0.006 [2.72]
Connector
Type
MCX Jack
Mating Cycles
500
Contact Material and Plating
Brass, Gold
Contact Plating Specification
30µ in minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: MCX Jack Bulkhead Connector Crimp/Solder Attachment For RG178, RG196, .177 inch D
Hole PE4886
PE4886
PE4886 REV
MCX Jack Bulkhead Connector Crimp/Solder
Attachment For RG178, RG196, .177 inch D Hole


Similar Part No. - PE4886

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4880 PASTERNACK-PE4880 Datasheet
81Kb / 1P
MCX PLUG, CRIMP ATTACHMENT FOR RG58
PE4881 PASTERNACK-PE4881 Datasheet
251Kb / 2P
MCX Plug Connector Crimp/Solder Attachment For RG55, RG142, RG223, RG400
PE4882 PASTERNACK-PE4882 Datasheet
216Kb / 2P
MCX Plug Right Angle Connector Crimp - Solder Attachment For RG58
PE4883 PASTERNACK-PE4883 Datasheet
94Kb / 1P
PASTERNACK ENTERPRISES
PE4884 PASTERNACK-PE4884 Datasheet
240Kb / 2P
MCX Jack Connector Crimp/Solder Attachment For RG178, RG196
More results

Similar Description - PE4886

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44301 PASTERNACK-PE44301 Datasheet
270Kb / 3P
MCX Jack Bulkhead Connector Crimp/Solder Attachment For RG179, RG187, .177 inch D Hole
PE4279 PASTERNACK-PE4279 Datasheet
226Kb / 3P
SMC JACK BULKHEAD CONNECTOR CLAMP/SOLDER ATTACHMENT FOR RG178 RG196,. 177 INCH D HOLE
PE4884 PASTERNACK-PE4884 Datasheet
240Kb / 2P
MCX Jack Connector Crimp/Solder Attachment For RG178, RG196
PE44300 PASTERNACK-PE44300 Datasheet
267Kb / 3P
MCX Jack Connector Crimp/Solder Attachment For RG178, RG196
PE4337 PASTERNACK-PE4337 Datasheet
226Kb / 3P
SSMB Jack Bulkhead Connector Crimp/Solder Attachment For RG178, RG196, .126 inch D Hole
PE4365 PASTERNACK-PE4365 Datasheet
223Kb / 2P
SMC Jack Bulkhead Connector Crimp/Solder Attachment For RG178, RG196
PE4364 PASTERNACK-PE4364 Datasheet
265Kb / 2P
SMB Jack Bulkhead Connector Crimp/Solder Attachment For RG178, RG196
PE44374 PASTERNACK-PE44374 Datasheet
226Kb / 3P
RP MCX Jack Bulkhead Connector Crimp/Solder Attachment For RG178, RG196, .177 inch D Hole
PE44389 PASTERNACK-PE44389 Datasheet
215Kb / 2P
SSMA Female Bulkhead Connector Crimp/Solder Attachment For RG178, RG196, .177 inch D Hole
PE4561 PASTERNACK-PE4561 Datasheet
218Kb / 2P
MCX Jack Bulkhead Connector Solder Attachment Turret Terminal, .177 inch D Hole
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com