Electronic Components Datasheet Search
  English  ▼

X  

L8567 Datasheet(PDF) 13 Page - Agere Systems

Part # L8567
Description  SLIC for Peoples Republic of China Applications
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

L8567 Datasheet(HTML) 13 Page - Agere Systems

Back Button L8567 Datasheet HTML 9Page - Agere Systems L8567 Datasheet HTML 10Page - Agere Systems L8567 Datasheet HTML 11Page - Agere Systems L8567 Datasheet HTML 12Page - Agere Systems L8567 Datasheet HTML 13Page - Agere Systems L8567 Datasheet HTML 14Page - Agere Systems L8567 Datasheet HTML 15Page - Agere Systems L8567 Datasheet HTML 16Page - Agere Systems L8567 Datasheet HTML 17Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
Lucent Technologies Inc.
13
Data Sheet
August 1999
People’s Republic of China Applications
L8567 SLIC for
Electrical Characteristics (continued)
Table 5. 2-Wire Port
1. This parameter is not tested in production. It is guaranteed by design and device characterization.
2. The longitudinal current is independent of dc loop current.
3. Current-limit ILIM is programmed by a resistor, RPROG, from pin IPROG to AGND. RPROG (k
Ω) = 1.59 ILIM (mA).
4.
IEEE is a registered trademark of The Institute of Electrical and Electronics Engineers, Inc.
5. Longitudinal balance of circuit card will depend on loop series resistance matching.
Table 6. Analog Pin Characteristics
Parameter
Min
Typ
Max
Unit
Tip or Ring Drive Current = dc + Longitudinal + Signal Currents
65
—
—
mA
Signal Current1
10
—
—
mArms
Longitudinal Current Capability per Wire1, 2
8.5
15
—
mArms
dc Loop Current Limit3:
RLOOP = 100
Ω
Programmability Range
Accuracy (18 mA < ILIM < 45 mA)
—
15
—
ILIM
—
—
—
45
±15
mA
mA
%
Powerup Open-loop Voltage Levels:
Common-mode Voltage
Differential Voltage
—
|VBAT + 7.8|
VBAT/2
|VBAT + 7.1|
—
|VBAT + 6.4|
V
V
Disconnect State:
PT Resistance (VBAT < VPT < 0 V)
PR Resistance (VBAT < VPR < 0 V)
—
—
1
1
—
—
M
Ω
M
Ω
dc Feed Resistance (for ILOOP below current limit)
—
110
—
Ω
Loop Resistance Range (3.17 dBm overload into
200 + 680
|| 0.1 µF):
ILOOP = 18 mA at VBAT = –48 V
1800
—
—
Ω
Longitudinal to Metallic Balance—
IEEE4 Std. 455
(See Figure 9.)5:
50 Hz to 300 Hz
300 Hz to 600 Hz
600 Hz to 3400 Hz
38
48
52
—
—
—
—
—
—
dB
dB
dB
Metallic to Longitudinal Balance:
1 kHz to 3 kHz
38
—
—
dB
Parameter
Min
Typ
Max
Unit
Differential PT/PR Current Sense (DCOUT)
Gain (PT/PR to DCOUT):
Forward Battery
Reverse Battery
—
—
–119
119
—
—
V/A
V/A
Loop Closure Detector Threshold (on-hook to off-hook at VBAT1 = – 48 V)
9
11
13
mA
Loop Closure Detector Hysteresis:
Variation
—
—
2
±0.5
—
—
mA
mA
Ring Trip Comparator:
Input Offset Voltage
—
±10
—
mV
RCVN, RCVP:
Input Impedance
Gain RCVP to PT/PR
Gain RCVN to PT/PR
—
—
—
100
2
–2
—
—
—
k
Ω
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com