Electronic Components Datasheet Search
  English  ▼

X  

PE4915 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4915
Description  BNC FEMALE BULKHEAD SOLDER/CLAMP ATTACHMENT FOR RG402 PE-SR402AL & PE-SR402FL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4915 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4915 Datasheet HTML 1Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - PE4915

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4910 PASTERNACK-PE4910 Datasheet
262Kb / 3P
SMA Female Connector Solder Attachment Surface Mount PCB
PE4911 PASTERNACK-PE4911 Datasheet
227Kb / 2P
SMA Female Right Angle Connector Solder Attachment Hole Panel Solder Cup Terminal, .340 inch Hole Spacing
PE4912 PASTERNACK-PE4912 Datasheet
205Kb / 2P
SMA Male Connector Solder Attachment 0.062 inch End Launch PCB, .030 inch Diameter
PE4913 PASTERNACK-PE4913 Datasheet
215Kb / 2P
SMA Male Connector Solder Attachment 0.062 inch End Launch PCB, .020 inch x .010 inch Contact
PE4914 PASTERNACK-PE4914 Datasheet
245Kb / 2P
SMA Female Bulkhead Connector Crimp/Solder Attachment For RG59, RG62, RG71, .235 inch D Hole
More results

Similar Description - PE4915

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4138 PASTERNACK-PE4138 Datasheet
105Kb / 1P
N FEMALE SOLDER/CLAMP ATTACHMENT FOR RG402 PE-SR402AL & PE-SR402FL
PE4145 PASTERNACK-PE4145 Datasheet
105Kb / 1P
TNC FEMALE SOLDER/CLAMP ATTACHMENT FOR RG402 PE-SR402AL PE-SR402FL
PE4150 PASTERNACK-PE4150 Datasheet
96Kb / 1P
TNC FEMALE BULKHEAD SOLDER/CLAMP ATTACHMENT FOR RG402 PE-SR402AL & PE-SR402FL
PE4985 PASTERNACK-PE4985 Datasheet
261Kb / 2P
3.5mm Female Bulkhead Connector Clamp/Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE4006 PASTERNACK-PE4006 Datasheet
105Kb / 1P
N MALE SOLDER/CLAMP ATTACHMENT FOR RG402 PE-SR402AL & PE-SR402FL
PE4113 PASTERNACK-PE4113 Datasheet
108Kb / 1P
N FEMALE BULKHEAD SOLDER/CLAMP ATTACHMENT FOR RG402 PE-SR402AL & PE-SR402FL
PE4204 PASTERNACK-PE4204 Datasheet
105Kb / 1P
BNC FEMALE SOLDER/CLAMP ATTACHMENT FOR RG402 PE-SR402AL &PE-SR402FL
PE4702 PASTERNACK-PE4702 Datasheet
97Kb / 1P
REVERSE POLARITY TNC FEMALE BULKHEAD SOLDER/CLAMP ATTACHMENT FOR RG402, PE-SR402AL & PE-SR402FL
PE44227 PASTERNACK-PE44227 Datasheet
213Kb / 2P
2.92mm Female Connector Clamp/Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
PE4983 PASTERNACK-PE4983 Datasheet
208Kb / 2P
3.5mm Female Connector Clamp/Solder Attachment For PE-SR402AL, PE-SR402FL, RG402
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com