Electronic Components Datasheet Search
  English  ▼

X  

L8575 Datasheet(PDF) 13 Page - Agere Systems

Part # L8575
Description  Dual-Resistive,Low-Cost Subscriber Line Interface Circuit(SLIC)
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

L8575 Datasheet(HTML) 13 Page - Agere Systems

Back Button L8575 Datasheet HTML 9Page - Agere Systems L8575 Datasheet HTML 10Page - Agere Systems L8575 Datasheet HTML 11Page - Agere Systems L8575 Datasheet HTML 12Page - Agere Systems L8575 Datasheet HTML 13Page - Agere Systems L8575 Datasheet HTML 14Page - Agere Systems L8575 Datasheet HTML 15Page - Agere Systems L8575 Datasheet HTML 16Page - Agere Systems L8575 Datasheet HTML 17Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
Advance Data Sheet
L8575
March 1997
Dual-Resistive, Low-Cost SLIC
Lucent Technologies Inc.
13
Electrical Characteristics (continued)
Transmission
Transmit direction is Tip/Ring to XMT. Receive direction is IRP/VRN to Tip/Ring.
Table 7. Transmission Characteristics
1.
IEEE is a registered trademark of The Institute of Electrical and Electronics Engineers, Inc.
2. Assumes ideal external components.
3. This parameter is not tested in production. It is guaranteed by design and device characterization.
4. Transmission characteristics are specified assuming a 600
Ω resistive termination; however, feedback using external components allows the
user to adjust the termination impedance from the intrinsic 600
Ω of the feed resistors to most ITU-T recommended complex termination
impedances.
5. Measured with the L8575 SLIC connected per application diagram with ideal external components.
Parameter
Min
Typ
Max
Unit
Longitudinal Balance (
IEEE1 Std. 455—1976)2:
50 Hz—1 kHz
1 kHz—3 kHz
54
50
70
66
—
—
dB
dB
Metallic to Longitudinal Balance2:
200 Hz—4 kHz
30
—
—
dB
RFI Rejection3:
(0.5 Vrms, 50
Ω source, 30% AM Mod. 1 kHz)
500 kHz—10 MHz
10 MHz—100 MHz
—
—
—
—
–65
–45
dBV
dBV
Tip/Ring Signal Level
—
—
3.17
dBm
ac Termination Impedance4
—
600
—
Ω
Total Harmonic Distortion (200 Hz—4 kHz)3
—
—
0.3
%
Transmit Gain (
ƒ = 1 kHz)5:
Tip/Ring to XMT
–0.486
–0.500
–0.514
—
Receive Gain (
ƒ = 1 kHz):
IRP Current to Differential Current Flowing from PT to PR
VRV to IRP
195
0.995
200
1
205
1.005
—
—
CBN Gain (
ƒ = 1 kHz):
1 RGBN Current to Current Flowing
CBN to RGBN
–49.5
0.995
–50
1
–50.5
1.005
—
—
Gain vs. Frequency (transmit & receive; 1 kHz reference)3:
200 Hz—3.4 kHz
–0.1
0
0.1
dB
Gain vs. Level (transmit & receive; 0 dBV reference)3:
–50 dB to +3 dB
–0.05
0
0.05
dB
Interchannel Crosstalk3:
200 Hz—3.4 kHz
—
—
77
dB
Idle-channel Noise (Tip/Ring; 600
Ω termination):
Psophometric3
C-message
3 kHz flat3
—
—
—
—
—
—
–77
12
20
dBmp
dBrnC
dBrn
Idle-channel Noise (XMT; 600
Ω termination):
Psophometric3
C-message
3 kHz flat3
—
—
—
—
—
—
–77
12
20
dBmp0
dBrnC0
dBrn0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com