Electronic Components Datasheet Search
  English  ▼

X  

PE4933 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4933
Description  MHV Male Connector Crimp/Solder Attachment For RG174, RG316, RG188
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4933 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4933 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4933 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4933 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
MHV Male Connector Crimp/Solder Attachment
For RG174, RG316, RG188
MHV Male Connector Crimp/Solder Attachment For RG174, RG316, RG188
Configuration
Connector
MHV Male
Connector Specification
MIL-STD-348A
Connector Interface Type
RG174,RG316,RG188
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Maximum Operating Voltage, Volts
1,600
Dielectric Withstanding Voltage, Vrms
5,000
Frequency 1
Frequency, MHz
DC to 500
VSWR
1.3:1
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
1.42 [36.07]
Width/Dia., in [mm]
0.57 [14]
.
Weight, lbs [g]
0.068 [30.84]
Connector
Type
MHV Male
Contact Material and Plating
Brass, Gold
Contact Plating Specification
30µ in. minimum
Coupling Nut Material and Plating
Brass, Nickel
Coupling Nut Plating Specification
100µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: MHV Male Connector Crimp/Solder Attachment For RG174, RG316, RG188 PE4933
PE4933
PE4933 REV


Similar Part No. - PE4933

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4930 PASTERNACK-PE4930 Datasheet
218Kb / 3P
SMA Female Connector Solder Attachment For PE-SR401AL, PE-SR401FL, RG401
PE4931 PASTERNACK-PE4931 Datasheet
253Kb / 3P
SMA Female Bulkhead Connector Solder Attachment For PE-SR401AL, PE-SR401FL, RG401, .235 inch D Hole
PE4932 PASTERNACK-PE4932 Datasheet
215Kb / 2P
N Female Bulkhead Connector Crimp/Solder Attachment For RG214, RG9, RG225, RG393, .640 inch DD Hole
PE4934 PASTERNACK-PE4934 Datasheet
315Kb / 3P
RF Connectors Technical Data Sheet
PE4935 PASTERNACK-PE4935 Datasheet
102Kb / 1P
N MALE RIGHT ANGLE SOLDER/CLAMP ATTCHMENT FOR RG401 PE-SR401AL & PE-SR401FL
More results

Similar Description - PE4933

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4429 PASTERNACK-PE4429 Datasheet
317Kb / 2P
N Male Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4003 PASTERNACK-PE4003 Datasheet
245Kb / 2P
SMA MALE Connector Crimp/Solder Attachment For RG174,RG316,RG188
PE4668 PASTERNACK-PE4668 Datasheet
226Kb / 2P
RP TNC Male Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4720 PASTERNACK-PE4720 Datasheet
274Kb / 2P
RP BNC Male Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE44351 PASTERNACK-PE44351 Datasheet
228Kb / 3P
10-32 Male Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE44501 PASTERNACK-PE44501 Datasheet
223Kb / 3P
QMA Male Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4043 PASTERNACK-PE4043 Datasheet
325Kb / 3P
BNC Male Connector Crimp/Solder Attachment For RG174, RG316, RG188
PE4494 PASTERNACK-PE4494 Datasheet
117Kb / 1P
MHV MALE CLAMP ATTACHMENT FOR RG174 RG188 RG316
PE44184 PASTERNACK-PE44184 Datasheet
221Kb / 3P
RT SMA Male Connector Crimp - Solder Attachment For RG174, RG316, RG188
PE44379 PASTERNACK-PE44379 Datasheet
265Kb / 3P
SSMA Male Connector Crimp - Solder Attachment For RG174, RG316, RG188
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com