Electronic Components Datasheet Search
  English  ▼

X  

PE4951 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4951
Description  C Male Connector Clamp/Solder Attachment For RG14, RG217
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4951 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4951 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4951 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4951 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
C Male Connector Clamp/Solder Attachment For RG14, RG217
Configuration
Connector
C Male
Connector Specification
MIL-C-39012
Connector Interface Type
RG14,RG217
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
1.73 [43.94]
Width/Dia., in [mm]
0.865 [21.97]
.
Weight, lbs [g]
0.151 [68.49]
Connector
Type
C Male
Contact Material and Plating
Silver
Contact Plating Specification
QQ-S-365
Coupling Nut Material and Plating
Brass, Nickel
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: C Male Connector Clamp/Solder Attachment For RG14, RG217 PE4951
PE4951
PE4951 REV
C Male Connector Clamp/Solder Attachment For RG14, RG217


Similar Part No. - PE4951

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4950 PASTERNACK-PE4950 Datasheet
229Kb / 2P
C Male Connector Clamp/Solder Attachment For RG213,RG214, RG8, RG9, RG11, RG225, RG393, High Voltage
PE4952 PASTERNACK-PE4952 Datasheet
237Kb / 3P
C Male Connector Clamp-Solder Attachment For RG59, RG62
PE4953 PASTERNACK-PE4953 Datasheet
340Kb / 2P
RF Connectors Technical Data Sheet
PE4954 PASTERNACK-PE4954 Datasheet
226Kb / 2P
C Male Connector Clamp-Solder Attachment For RG218
PE4955 PASTERNACK-PE4955 Datasheet
84Kb / 1P
PASTERNACK ENTERPRISES
More results

Similar Description - PE4951

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4563 PASTERNACK-PE4563 Datasheet
215Kb / 2P
LC Male Connector Clamp/Solder Attachment For RG14, RG217
PE4645 PASTERNACK-PE4645 Datasheet
309Kb / 2P
N Female Connector Clamp/Solder Attachment For RG14, RG217
PE44276 PASTERNACK-PE44276 Datasheet
229Kb / 2P
7/16 DIN Male Connector Clamp/Solder Attachment For RG14, RG217
PE4976 PASTERNACK-PE4976 Datasheet
232Kb / 2P
SC Male Connector Clamp/Solder Attachment For RG14, RG217
PE4475 PASTERNACK-PE4475 Datasheet
312Kb / 2P
HN Male Connector Clamp-Solder Attachment For RG14, RG217
PE4963 PASTERNACK-PE4963 Datasheet
220Kb / 2P
C Female Connector Clamp-Solder Attachment For RG14, RG217
PE44448 PASTERNACK-PE44448 Datasheet
234Kb / 3P
LC Male Right Angle Connector Clamp - Solder Attachment For RG14, RG217
PE44592 PASTERNACK-PE44592 Datasheet
247Kb / 3P
HN Male Right Angle Connector Clamp - Solder Attachment For RG14, RG217
PE4221 PASTERNACK-PE4221 Datasheet
223Kb / 3P
N Male Connector Clamp - Solder Attachment For RG14, RG217
PE45307 PASTERNACK-PE45307 Datasheet
408Kb / 3P
HN Male Right Angle Connector Clamp Solder Attachment for RG14, RG217
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com