Electronic Components Datasheet Search
  English  ▼

X  

PE4962 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4962
Description  C Female Connector Clamp/Solder Attachment For RG59, RG62
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4962 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4962 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4962 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
C Female Connector Clamp/Solder Attachment For RG59, RG62
Configuration
Connector
C Female
Connector Interface Type
RG59,RG62
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
1.28 [32.51]
Width/Dia., in [mm]
0.63 [16.00]
.
Weight, lbs [g]
0.061 [27.67]
Connector
Type
C Female
Contact Material and Plating
Silver
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
C Female Connector Clamp/Solder Attachment For RG59, RG62 from Pasternack Enterprises has same day shipment for
domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the
broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: C Female Connector Clamp/Solder Attachment For RG59, RG62 PE4962
URL: http://www.pasternack.com/c-female-standard-rg59-rg62-connector-pe4962-p.aspx
PE4962
PE4962 REV
C Female Connector Clamp/Solder Attachment For RG59, RG62


Similar Part No. - PE4962

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4960 PASTERNACK-PE4960 Datasheet
300Kb / 2P
C Female Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG11, RG225, RG393
PE4961 PASTERNACK-PE4961 Datasheet
276Kb / 3P
C Female Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4963 PASTERNACK-PE4963 Datasheet
220Kb / 2P
C Female Connector Clamp-Solder Attachment For RG14, RG217
PE4964 PASTERNACK-PE4964 Datasheet
283Kb / 3P
C Female Bulkhead Connector Clamp
PE4965 PASTERNACK-PE4965 Datasheet
241Kb / 3P
C Female Bulkhead Connector Clamp-Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400, .720 inch D Hole
More results

Similar Description - PE4962

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44109 PASTERNACK-PE44109 Datasheet
236Kb / 2P
MHV Female Bulkhead Connector Clamp/ Solder Attachment For RG59, RG62
PE4688 PASTERNACK-PE4688 Datasheet
301Kb / 2P
RP TNC Female Connector Clamp/Solder Attachment For RG59, RG62
PE4740 PASTERNACK-PE4740 Datasheet
260Kb / 2P
RP BNC Female Connector Clamp/Solder Attachment For RG59, RG62
PE4024 PASTERNACK-PE4024 Datasheet
317Kb / 2P
BNC Male Connector Clamp/Solder Attachment For RG59, RG62
PE4100 PASTERNACK-PE4100 Datasheet
303Kb / 2P
SHV Plug Connector Clamp/Solder Attachment For RG59, RG62
PE4154 PASTERNACK-PE4154 Datasheet
225Kb / 3P
TNC Male Connector Clamp/Solder Attachment For RG59, RG62
PE4181 PASTERNACK-PE4181 Datasheet
882Kb / 2P
MHV Female Connector Clamp/Solder Attachment For RG59, RG62
PE4952 PASTERNACK-PE4952 Datasheet
237Kb / 3P
C Male Connector Clamp-Solder Attachment For RG59, RG62
PE44098 PASTERNACK-PE44098 Datasheet
223Kb / 2P
C Female Bulkhead Connector Clamp-Solder Attachment For RG59, RG62, .596 inch D Hole
PE4460 PASTERNACK-PE4460 Datasheet
354Kb / 3P
75 Ohm TNC Female Connector Clamp - Solder Attachment for RG59, RG62
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com