Electronic Components Datasheet Search
  English  ▼

X  

PE4964 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4964
Description  C Female Bulkhead Connector Clamp
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4964 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4964 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4964 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4964 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
C Female Bulkhead Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG11, RG225,
RG393, .720 inch D Hole
Configuration
Connector
C Female
Connector Specification
MIL-C-39012
Connector Interface Type
RG213,RG214,RG8,RG9,RG11,RG225,RG393
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Straight
Mount Method
Bulkhead
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
1.41 [35.81]
Width/Dia., in [mm]
1 [25.40]
.
Weight, lbs [g]
0.123 [55.79]
Connector
Type
C Female
Contact Material and Plating
Silver
Contact Plating Specification
QQ-S-365
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: C Female Bulkhead Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9,
RG11, RG225, RG393, .720 inch D Hole PE4964
PE4964
PE4964 REV
C Female Bulkhead Connector Clamp/Solder
Attachment For RG213, RG214, RG8, RG9,
RG11, RG225, RG393, .720 inch D Hole


Similar Part No. - PE4964

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4960 PASTERNACK-PE4960 Datasheet
300Kb / 2P
C Female Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG11, RG225, RG393
PE4961 PASTERNACK-PE4961 Datasheet
276Kb / 3P
C Female Connector Clamp/Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400
PE4962 PASTERNACK-PE4962 Datasheet
260Kb / 2P
C Female Connector Clamp/Solder Attachment For RG59, RG62
PE4963 PASTERNACK-PE4963 Datasheet
220Kb / 2P
C Female Connector Clamp-Solder Attachment For RG14, RG217
PE4965 PASTERNACK-PE4965 Datasheet
241Kb / 3P
C Female Bulkhead Connector Clamp-Solder Attachment For RG58, RG55, RG141, RG142, RG223, RG400, .720 inch D Hole
More results

Similar Description - PE4964

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9186 PASTERNACK-PE9186 Datasheet
74Kb / 1P
C FEMALE TO FEMALE BULKHEAD FEEDTHRU
PE4033 PASTERNACK-PE4033 Datasheet
224Kb / 3P
SMA Female Bulkhead Connector Clamp/Solder Attachment
PE9186 PASTERNACK-PE9186 Datasheet
243Kb / 3P
C Female to C Female Bulkhead Adapter
PE44802 PASTERNACK-PE44802 Datasheet
301Kb / 3P
1.85mm Female Bulkhead Precision Connector Clamp
PE4032 PASTERNACK-PE4032_16 Datasheet
385Kb / 3P
SMA Female Bulkhead Mount Connector Clamp/Solder Attachment
PE4152 PASTERNACK-PE4152_16 Datasheet
395Kb / 3P
TNC Female Bulkhead Mount Connector Clamp/Solder Attachment
PE4391 PASTERNACK-PE4391_14 Datasheet
291Kb / 2P
BNC Female Bulkhead Connector Clamp/Solder Attachment
PE4440 PASTERNACK-PE4440 Datasheet
109Kb / 1P
N FEMALE BULKHEAD CLAMP ATTACHMENT
PE4442-DS PASTERNACK-PE4442-DS Datasheet
291Kb / 1P
N FEMALE BULKHEAD CLAMP ATTACHMENT
PE4464 PASTERNACK-PE4464_16 Datasheet
324Kb / 3P
TNC Female Bulkhead Mount Connector Clamp/Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com