Electronic Components Datasheet Search
  English  ▼

X  

FB102 Datasheet(PDF) 13 Page - Seoul Semiconductor

Part # FB102
Description  1.6*0.8*0.6 mm Untinted, Diffused flat mold
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

FB102 Datasheet(HTML) 13 Page - Seoul Semiconductor

Back Button FB102 Datasheet HTML 5Page - Seoul Semiconductor FB102 Datasheet HTML 6Page - Seoul Semiconductor FB102 Datasheet HTML 7Page - Seoul Semiconductor FB102 Datasheet HTML 8Page - Seoul Semiconductor FB102 Datasheet HTML 9Page - Seoul Semiconductor FB102 Datasheet HTML 10Page - Seoul Semiconductor FB102 Datasheet HTML 11Page - Seoul Semiconductor FB102 Datasheet HTML 12Page - Seoul Semiconductor FB102 Datasheet HTML 13Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
서식번호 : SSC- QP- 7- 07- 25 (Rev.0.0)
Rev. 02
Rev. 02
January 2012
January 2012
WWW.SEOULSEMICON.COM
WWW.SEOULSEMICON.COM
12. Precaution for Use
(1) Storage
LEDs must be stored at clean atmosphere. If the LEDs are stored for 3 months or more
after shipment from SSC, storage in a sealed container with a nitrogen atmosphere is
recommended. To avoid absorption of moisture, it is recommended to store in a dry box
(or a desiccator) with a desiccant.
* Shelf Life : 12 months at < 40ºC and 90%RH
(2) Attention after open.
LED is correspond to SMD, when LED be soldered dip, interfacial separation may affect
the light transmission efficiency, causing the light intensity to drop. After opened and
mounted the soldering shall be quickly.
* Within 672 hours at factory conditions of equal to or less than 30ºC/60%RH, or
Stored at < 10% RH
(3) Repack unused products with anti-moisture packing, fold to close any opening and
then store in a dry place.
(4) In the case of change color of indicator on desiccant, components shall be dried
10-12hr at 60± 5ºC.
(5) When the LED is operating, the driving current should be determined after considering
the maximum ambient temperature requirements.
(6) When using multiple LEDs, It is recommended to connect a resistor on each LED.
Otherwise, LEDs may vary due to variation in forward voltage of the LEDs.
(7) The driving circuit must be designed to allow forward voltage only when it is ON or
OFF. If the reverse voltage is applied to LED, migration can be generated resulting
in LED damage
(8) Any mechanical force or excessive vibration should be avoided during temperature
cooling process to normal temperature after reflow.
(9) Rapid cooling shall be avoided.
(10) LED should not be placed on a flexible area on the PCB.
(11) This device should not be used in any type of fluid such as water, oil, organic solvent
etc. When washing is required, IPA should be used.
(12) Anti radioactive ray design is not considered for the products.
(13) Damage prevention from ESD or Surge.
It is highly recommended to use the wrist-band or anti electrostatic gloves when handling
the LED’s All devices, equipments and machines mush be properly grounded
(14) The appearance and specifications of the product may be modified for improvement
without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com