Electronic Components Datasheet Search
  English  ▼

X  

PE7367-3 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE7367-3
Description  3 dB Fixed Attenuator, N Male To N Female Rated To 25 Watts Up To 18 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7367-3 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE7367-3 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7367-3 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7367-3 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
3 dB Fixed Attenuator, N Male To N Female Rated To 25 Watts Up To 18 GHz
Configuration
Design
Fixed, Bidirectional Attenuator
Connector 1
N Male
Connector 2
N Female
Body Material and Plating
Aluminum Heatsink, Black Anodized
Electrical Specifications
Frequency Range, GHz
DC to 18
Impedance, Ohms
50
Attenuation Value, dB
3 to 3
Maximum Input Power, Watts
25
Maximum VSWR
1.6:1
Frequency 1
Range, GHz
DC to 6
Insertion Loss, dB
3
VSWR
1.3:1
Attenuation Accuracy, dB
0.5
Maximum Input Power, Watts
25
Frequency 2
Range, GHz
6 to 12.4
VSWR
1.45:1
Attenuation Accuracy, dB
0.75
Frequency 3
Range, GHz
12.4 to 18
VSWR
1.6:1
Attenuation Accuracy, dB
1
Mechanical Specifications
Temperature
Operating Range, deg C
-55 to +125
Size
Length, in [mm]
4.5 [114.3]
Width, in [mm]
2.41 [61.21]
.
Weight, lbs [g]
0.8 [362.87]
3 dB Fixed Attenuator, N Male To N Female
Rated To 25 Watts Up To 18 GHz
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 3 dB Fixed Attenuator, N Male To N Female Rated To 25 Watts Up To 18 GHz PE7367-3
PE7367-3
PE7367-3 REV NC


Similar Part No. - PE7367-3

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7367-30 PASTERNACK-PE7367-30 Datasheet
327Kb / 3P
30 dB Fixed Attenuator, N Male To N Female Rated To 25 Watts Up To 18 GHz
More results

Similar Description - PE7367-3

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7017-3 PASTERNACK-PE7017-3 Datasheet
256Kb / 2P
3 dB Fixed Attenuator, N Male To N Female Rated To 25 Watts Up To 18 GHz
PE7017-20 PASTERNACK-PE7017-20 Datasheet
256Kb / 2P
20 dB Fixed Attenuator, N Male To N Female Rated To 25 Watts Up To 18 GHz
PE7017-6 PASTERNACK-PE7017-6 Datasheet
256Kb / 2P
6 dB Fixed Attenuator, N Male To N Female Rated To 25 Watts Up To 18 GHz
PE7356-3 PASTERNACK-PE7356-3 Datasheet
327Kb / 3P
3 dB Fixed Attenuator, SMA Male To N Female Rated To 25 Watts Up To 18 GHz
PE7367-20 PASTERNACK-PE7367-20 Datasheet
327Kb / 3P
20 dB Fixed Attenuator, N Male To N Female Rated To 25 Watts Up To 18 GHz
PE7367-40 PASTERNACK-PE7367-40 Datasheet
327Kb / 3P
40 dB Fixed Attenuator, N Male To N Female Rated To 25 Watts Up To 18 GHz
PE7362-3 PASTERNACK-PE7362-3 Datasheet
883Kb / 3P
3 dB Fixed Attenuator, SMA Female To N Male Rated To 25 Watts Up To 18 GHz
PE7368-3 PASTERNACK-PE7368-3 Datasheet
327Kb / 3P
3 dB Fixed Attenuator, N Male To TNC Female Rated To 25 Watts Up To 18 GHz
PE7371-3 PASTERNACK-PE7371-3 Datasheet
326Kb / 3P
3 dB Fixed Attenuator, N Female To N Female Rated To 25 Watts Up To 18 GHz
PE7373-3 PASTERNACK-PE7373-3 Datasheet
879Kb / 3P
3 dB Fixed Attenuator, N Female To TNC Male Rated To 25 Watts Up To 18 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com