Electronic Components Datasheet Search
  English  ▼

X  

LU6612 Datasheet(PDF) 4 Page - Agere Systems

Part # LU6612
Description  LU6612 FASTCAT TM Single-FET for 10Base-T/100Base-TX
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

LU6612 Datasheet(HTML) 4 Page - Agere Systems

  LU6612 Datasheet HTML 1Page - Agere Systems LU6612 Datasheet HTML 2Page - Agere Systems LU6612 Datasheet HTML 3Page - Agere Systems LU6612 Datasheet HTML 4Page - Agere Systems LU6612 Datasheet HTML 5Page - Agere Systems LU6612 Datasheet HTML 6Page - Agere Systems LU6612 Datasheet HTML 7Page - Agere Systems LU6612 Datasheet HTML 8Page - Agere Systems LU6612 Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
4
4
Lucent Technologies Inc.
LU6612
Data Sheet
FASTCAT Single-FET for 10Base-T/100Base-TX
July 2000
Description
The LU6612 is a single-channel, single-chip complete
transceiver designed specifically for dual-speed
10Base-T and 100Base-TX repeaters and switches.
LU6612 implements:
s
The 10Base-T transceiver function of
IEEE 802.3u.
s
The physical coding sublayer (PCS) of
IEEE 802.3u.
s
The physical medium attachment (PMA) of
IEEE
802.3u.
s
Autonegotiation of
IEEE 802.3u.
s
MII management of
IEEE 802.3u.
s
Physical medium dependent (PMD) of
IEEE 802.3u.
This device supports operation over category 3
unshielded twisted-pair (UTP) cable, according to
IEEE
802.3u 10Base-T specification, and over category 5,
Type 1, UTP and Type 1 shielded twisted-pair cable,
according to
IEEE 802.3u 100Base-X specification.
Figure 1 illustrates a functional overview of the LU6612
while Figure 2 details the functions. Figure 3 shows
how the LU6612 interfaces to the twisted pair.
5-5600(F).r1
Figure 1. Functional Block Diagram: Device Overview
10 Mbits/s TRANSCEIVER
AUTONEGOTIATION
PMA
TX
MUX
MANAGEMENT
PCS
DPLL
25 MHz
125 MHz
LSCLK
PMD
MII/SERIAL
INTERFACE
25 MHz
DRIVER AND FILTERS
DRIVER AND
FILTERS
20 MHz
TO/FROM
MAGNETICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com