Electronic Components Datasheet Search
  English  ▼

X  

PE3319LF Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE3319LF
Description  CABLE ASSEMBLY RG58C/U SMA MALE TO SMA MALE RIGHT ANGLE(LEAD FREE)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3319LF Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3319LF Datasheet HTML 1Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMA MALE
RG58C/U
SMA MALE RIGHT ANGLE
PE3319LF-XX
CABLE ASSEMBLY, RG58C/U, SMA MALE
TO SMA MALE RIGHT ANGLE (LEAD FREE)
50 OHM
50 OHM
50 OHM
SMA
MALE
SMA
MALE
RIGHT ANGLE
SCALE N/A
DWG TITLE
CAD FILE
147
FSCM NO. 53919
REV. A
DES.
NOTES:
1. UNLESS OTHERWISE SPECIFIED ALL DIMENSIONS ARE NOMINAL.
2. ALL SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE AT ANY TIME.
021308
SIZE A
3. DIMENSIONS ARE IN INCHES.
4. LENGTH TOLERANCE IS ± 1.5% OR 10mm, WHICHEVER IS GREATER.
Standard Lengths
-12
-24
-36
-48
-60
-XXX
12''
24"
36"
48"
60"
Custom Length in inches
COMPONENTS
IMPEDANCE


Similar Part No. - PE3319LF

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3319 PASTERNACK-PE3319 Datasheet
271Kb / 1P
CABLE ASSEMBLY RG58C/U SMA MALE TO SMA MALE RIGHT ANGLE
PE33191 PASTERNACK-PE33191 Datasheet
291Kb / 1P
CABLE ASSEMBLY RG405/U SMA FEMALE 2 HOLE PANEL MOUNT TO SMA FEMALE2 HOLE PANEL MOUNT
PE33191LF PASTERNACK-PE33191LF Datasheet
300Kb / 1P
CABLE ASSEMBLY RG405/U SMA FEMALE 2 HOLE PANEL MOUNT TO SMA FEMALE 2 HOLE PANEL MOUNT (LEAD FREE)
PE33196 PASTERNACK-PE33196 Datasheet
279Kb / 1P
CABLE ASSEMBLY RG 59B/U BLACK 75 OHM BNC MALE TO 75 OHM BNC MALE RIGHT ANGLE
PE33196LF PASTERNACK-PE33196LF Datasheet
289Kb / 1P
Cable Assembly
More results

Similar Description - PE3319LF

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3156LF PASTERNACK-PE3156LF Datasheet
157Kb / 1P
CABLE ASSEMBLY RG58C/U SMA MALE RIGHT ANGLE TO SMA FEMALE BULKHEAD (LEAD FREE)
PE3319 PASTERNACK-PE3319 Datasheet
271Kb / 1P
CABLE ASSEMBLY RG58C/U SMA MALE TO SMA MALE RIGHT ANGLE
PE3655LF PASTERNACK-PE3655LF Datasheet
283Kb / 1P
CABLE ASSEMBLY RG58C/U SMA MALE RIGHT ANGLE TO SMA MALE RIGHT ANGLE(LEAD FREE)
PE3078LF PASTERNACK-PE3078LF Datasheet
151Kb / 1P
CABLE ASSEMBLY RG58C/U SMA MALE TO SMA FEMALE(LEAD FREE)
PE3420LF PASTERNACK-PE3420LF Datasheet
278Kb / 1P
CABLE ASSEMBLY RG174A/U SMA MALE TO SMA MALE RIGHT ANGLE(LEAD FREE)
PE3411LF PASTERNACK-PE3411LF Datasheet
279Kb / 1P
CABLE ASSEMBLY RG62A/U SMA MALE TO SMA MALE RIGHT ANGLE(LEAD FREE)
PE3662LF PASTERNACK-PE3662LF Datasheet
274Kb / 1P
CABLE ASSEMBLY RG58C/U SMA MALE TO N MALE(LEAD FREE)
PE3154LF PASTERNACK-PE3154LF Datasheet
149Kb / 1P
CABLE ASSEMBLY RG58C/U SMA MALE TO TNC MALE (LEAD FREE)
PE3003LF PASTERNACK-PE3003LF Datasheet
151Kb / 1P
CABLE ASSEMBLY RG400/U SMA MALE TO SMA MALE RIGHT ANGLE(LEAD FREE)
PE3655 PASTERNACK-PE3655 Datasheet
273Kb / 1P
CABLE ASSEMBLY, RG58C/U, SMA MALE RIGHT ANGLE TO SMA MALE RIGHT ANGLE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com