Electronic Components Datasheet Search
  English  ▼

X  

PE3361LF Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE3361LF
Description  CABLE ASSEMBLY RG18A/U SMA MALE TO SMA MALE (LEAD FREE)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3361LF Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3361LF Datasheet HTML 1Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SCALE N/A
DWG TITLE
CAD FILE
147
FSCM NO. 53919
REV. A
DES.
NOTES:
1. UNLESS OTHERWISE SPECIFIED ALL DIMENSIONS ARE NOMINAL.
2. ALL SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE AT ANY TIME.
021308
SIZE A
3. DIMENSIONS ARE IN INCHES.
4. LENGTH TOLERANCE IS ± 1.5% OR 10mm, WHICHEVER IS GREATER.
Standard Lengths
-12
-24
-36
-48
-60
-XXX
12''
24"
36"
48"
60"
Custom Length in inches
COMPONENTS
IMPEDANCE
SMA MALE
RG188A/U
SMA MALE
PE3361LF-XX
CABLE ASSEMBLY, RG188A/U, SMA MALE
TO SMA MALE (LEAD FREE)
50 OHM
50 OHM
50 OHM
SMA
MALE
SMA
MALE


Similar Part No. - PE3361LF

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3361 PASTERNACK-PE3361 Datasheet
265Kb / 1P
CABLE ASSEMBLY RG188A/U SMA MALE TO SMA MALE
PE33615 PASTERNACK-PE33615 Datasheet
103Kb / 1P
CABLE ASSEMBLY RG6A/U N MALE TO TNC MALE
PE33615LF PASTERNACK-PE33615LF Datasheet
100Kb / 1P
pasternack enterprises, inc.
PE33615LF-12 PASTERNACK-PE33615LF-12 Datasheet
100Kb / 1P
pasternack enterprises, inc.
PE33615LF-24 PASTERNACK-PE33615LF-24 Datasheet
100Kb / 1P
pasternack enterprises, inc.
More results

Similar Description - PE3361LF

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3056LF PASTERNACK-PE3056LF Datasheet
150Kb / 1P
CABLE ASSEMBLY RG178/U SMA MALE TO SMA FEMALE(LEAD FREE)
PE3121LF PASTERNACK-PE3121LF Datasheet
148Kb / 1P
CABLE ASSEMBLY RG214/U SMA MALE TO SMA MALE(LEAD FREE)
PE3492LF PASTERNACK-PE3492LF Datasheet
271Kb / 1P
CABLE ASSEMBLY RG402/U SMA MALE TO SMA MALE(LEAD FREE)
PE3050LF PASTERNACK-PE3050LF Datasheet
156Kb / 1P
CABLE ASSEMBLY RG18A/U SMA MALE RIGHT ANGLE TO SMA FEMALE BULKHEAD(LEAD FREE)
PE3353LF PASTERNACK-PE3353LF Datasheet
230Kb / 1P
CABLE ASSEMBLY RG174A/U SMA MALE TO SMA MALE(LEAD FREE)
PE35215LF PASTERNACK-PE35215LF Datasheet
286Kb / 1P
CABLE ASSEMBLY RG18A/U REVERSE POLARITY SMA MALE TO BNC MALE(LEAD FREE)
PE3899LF PASTERNACK-PE3899LF Datasheet
273Kb / 1P
CABLE ASSEMBLY ,SMA MALE, SMA MALE, RG62A/U(LEAD FREE)Q
PE3056LF-18 PASTERNACK-PE3056LF-18 Datasheet
150Kb / 1P
cable assembly, rg178c/u, sma male to sma female(lead free)
PE3056LF-48 PASTERNACK-PE3056LF-48 Datasheet
150Kb / 1P
cable assembly, rg178c/u, sma male to sma female(lead free)
PE3056LF-72 PASTERNACK-PE3056LF-72 Datasheet
150Kb / 1P
cable assembly, rg178c/u, sma male to sma female(lead free)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com