Electronic Components Datasheet Search
  English  ▼

X  

OR3C55 Datasheet(PDF) 101 Page - Agere Systems

Part # OR3C55
Description  3C and 3T Field-Programmable Gate Arrays
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3C55 Datasheet(HTML) 101 Page - Agere Systems

Back Button OR3C55 Datasheet HTML 97Page - Agere Systems OR3C55 Datasheet HTML 98Page - Agere Systems OR3C55 Datasheet HTML 99Page - Agere Systems OR3C55 Datasheet HTML 100Page - Agere Systems OR3C55 Datasheet HTML 101Page - Agere Systems OR3C55 Datasheet HTML 102Page - Agere Systems OR3C55 Datasheet HTML 103Page - Agere Systems OR3C55 Datasheet HTML 104Page - Agere Systems OR3C55 Datasheet HTML 105Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 210 page
background image
Lucent Technologies Inc.
101
Data Sheet
June 1999
ORCA Series 3C and 3T FPGAs
Electrical Characteristics
Table 37. Electrical Characteristics
OR3Cxx Commercial: VDD = 5.0 V ± 5%, 0 °C < TA < 70 °C; Industrial: VDD = 5.0 V ± 10%, –40 °C < TA < +85 °C.
OR3Txxx Commercial: VDD = 3.0 V to 3.6 V, 0 °C < TA < 70 °C; Industrial: VDD = 3.0 V to 3.6 V, –40 °C < TA < +85 °C.
Parameter
Sym-
bol
Test Conditions
OR3Cxx
OR3Txxx
Unit
Min
Max
Min
Max
Input Voltage:
High
Low
VIH
VIL
Input configured as CMOS
(includes OR3Txxx)
50%
VDD
GND – 0.5
VDD + 0.5
20%
VDD
50%
VDD
GND – 0.5
VDD + 0.5
30%
VDD
V
V
Input Voltage:
High
Low
VIH
VIL
OR3Txxx 5 V Tolerant
—
—
—
—
50%
VDD
GND – 0.5
5.8 V
30%
VDD
V
V
Input Voltage:
High
Low
VIH
VIL
Input configured as TTL
(not valid for OR3Txxx)
2.0
–0.5
VDD + 0.3
0.8
—
—
—
—
V
V
Output Voltage:
High
Low
VOH
VOL
VDD = min, IOH = 6 mA or 3 mA
VDD = min, IOL = 12 mA or 6 mA
2.4
—
—
0.4
2.4
—
—
0.4
V
V
Input Leakage Current
IL
VDD = max, VIN = VSS or VDD
–10
10
–10
10
µA
Standby Current:
OR3T20
OR3T30
OR3C/T55
OR3C/T80
OR3T125
IDDSB
OR3Cxx (TA = 25 °C,
VDD = 5.0 V)
OR3Txxx (TA = 25 °C,
VDD = 3.3 V)
internal oscillator running, no out-
put loads, inputs VDD or GND
(after configuration)
—
—
—
—
—
—
—
4.06
4.56
—
—
—
—
—
—
4.70
4.90
5.30
5.80
6.70
mA
mA
mA
mA
mA
Standby Current:
OR3T20
OR3T30
OR3C/T55
OR3C/T80
OR3T125
IDDSB
OR3Cxx (TA = 25 °C,
VDD = 5.0 V)
OR3Txxx (TA = 25 °C,
VDD = 3.3 V)
internal oscillator stopped, no
output loads, inputs VDD or GND
(after configuration)
—
—
—
—
—
—
—
3.05
3.42
—
—
—
—
—
—
3.52
3.68
3.98
4.35
5.02
mA
mA
mA
mA
mA
Powerup Current:
OR3T20
OR3T30
OR3C/T55
OR3C/T80
OR3T125
Ipp
Power supply current @ approxi-
mately 1 V, within a recommended
power supply ramp rate of
1 ms—200 ms
—
—
3.2
5.4
—
—
—
—
—
—
1.2
1.6
2.7
4.0
6.5
—
—
—
—
—
mA
mA
mA
mA
mA
Data Retention VoltageVDR
TA = 25 °C
2.3
—
2.3
—
V
Input Capacitance
CIN
OR3Cxx (TA = 25 °C,
VDD = 5.0 V)
OR3Txxx (TA = 25 °C,
VDD = 3.3 V)
Test frequency = 1 MHz
—9—
8
pF
Output Capacitance
COUT
OR3Cxx (TA = 25 °C,
VDD = 5.0 V)
OR3Txxx (TA = 25 °C,
VDD = 3.3 V)
Test frequency = 1 MHz
—9—
8
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com