| Electronic Components Datasheet Search |
|
OR3C55 Datasheet(PDF) 43 Page - Agere Systems |
|
|
|||||||||||||||||||||||||||||
OR3C55 Datasheet(HTML) 43 Page - Agere Systems |
|
43 / 210 page ![]() Lucent Technologies Inc. 43 Data Sheet June 1999 ORCA Series 3C and 3T FPGAs Programmable Input/Output Cells (continued) PIO Logic Function Generator The PIO logic block can also generate logic functions based on the signals on the OUT2 and CLK ports of the PIO. The functions are AND, NAND, OR, NOR, XOR, and XNOR. Table 10 is provided as a summary of the PIO logic options. PIO Register Control Signals As discussed in the Inputs and Outputs subsections, the PIO latches/FFs have various clock, clock enable (CE), local set/reset (LSR), and global set/reset (GSRN) controls. Table 11 provides a summary of these control signals and their effect on the PIO latches/FFs. Note that all control signals are optionally invertible. Table 10. PIO Logic Options Option Description OUT1OUTREG Data at OUT1 output when clock low, data at FF out when clock high. OUT2OUTREG Data at OUT2 output when clock low, data at FF out when clock high. OUT1OUT2 Data at OUT1 output when clock low, data at OUT2 when clock high. AND Output logical AND of signals on OUT2 and clock. NAND Output logical NAND of signals on OUT2 and clock. OR Output logical OR of signals on OUT2 and clock. NOR Output logical NOR of signals on OUT2 and clock. XOR Output logical XOR of signals on OUT2 and clock. XNOR Output logical XNOR of signals on OUT2 and clock. Table 11. PIO Register Control Signals Control Signal Effect/Functionality ExpressCLK Clocks input fast-capture latch; optionally clocks output FF, or 3-state FF. System Clock (SCLK) Clocks input latch/FF; optionally clocks output FF, or 3-state FF. Clock Enable (CE) Optionally enables/disables input FF (not available for input latch mode); optionally enables/dis- ables output FF; separate CE inversion capability for input and output. Local Set/Reset (LSR) Option to disable; affects input latch/FF, output FF, and 3-state FF if enabled. Global Set/Reset (GSRN) Option to enable or disable per PIO after initial configuration. Set/Reset Mode The input latch/FF, output FF, and 3-state FF are individually set or reset by both the LSR and GSRN inputs. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |