Electronic Components Datasheet Search
  English  ▼

X  

OR3C55 Datasheet(PDF) 126 Page - Agere Systems

Part # OR3C55
Description  3C and 3T Field-Programmable Gate Arrays
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3C55 Datasheet(HTML) 126 Page - Agere Systems

Back Button OR3C55 Datasheet HTML 122Page - Agere Systems OR3C55 Datasheet HTML 123Page - Agere Systems OR3C55 Datasheet HTML 124Page - Agere Systems OR3C55 Datasheet HTML 125Page - Agere Systems OR3C55 Datasheet HTML 126Page - Agere Systems OR3C55 Datasheet HTML 127Page - Agere Systems OR3C55 Datasheet HTML 128Page - Agere Systems OR3C55 Datasheet HTML 129Page - Agere Systems OR3C55 Datasheet HTML 130Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 210 page
background image
126
Lucent Technologies Inc.
Data Sheet
June 1999
ORCA Series 3C and 3T FPGAs
Timing Characteristics (continued)
Table 55. OR3Cxx Fast Clock (FCLK) to Output Delay (Pin-to-Pin)
OR3Cxx Commercial: VDD = 5.0 V ± 5%, 0 °C
< TA < 70 °C; Industrial: VDD = 5.0 V ± 10%, –40 °C < TA < +85 °C; CL = 50 pF.
OR3Txxx Commercial: VDD = 3.0 V to 3.6 V, 0 °C
< TA < 70 °C; Industrial: VDD = 3.0 V to 3.6 V, –40 °C < TA < +85 °C;
CL = 50 pF.
Notes:
Timing is without the use of the programmable clock manager (PCM).
This clock delay is for a fully routed clock tree that uses the primary clock network. It includes both the input buffer delay, the clock routing to the
PIO CLK input, the clock
→Q of the FF, and the delay through the output buffer. The delay will be reduced if any of the clock branches are not
used. The given timing requires that the input clock pin be located at one of the six ExpressCLK inputs of the device and that a PIO FF be used.
5-4846(F).b
Figure 77. Fast Clock to Output Delay
Description
(TJ = 85 °C, VDD = min)
Device
Speed
Unit
-4
-5
-6
-7
MinMax
MinMax
Min
Max
MinMax
Output Not on Same Side of Device As Input Clock (Fast Clock Delays Using ExpressCLK Inputs)
ECLK Middle Input Pin
→OUTPUT Pin
(Fast)
OR3T20
OR3T30
OR3C/T55
OR3C/T80
OR3T125
—
—
—
—
—
—
—
14.68
15.30
—
—
—
—
—
—
11.13
11.35
11.81
12.33
13.20
—
—
—
—
—
7.94
8.01
8.18
8.36
8.68
—
—
—
—
—
6.40
6.48
6.66
6.85
7.19
ns
ns
ns
ns
ns
ECLK Middle Input Pin
→OUTPUT Pin
(Slewlim)
OR3T20
OR3T30
OR3C/T55
OR3C/T80
OR3T125
—
—
—
—
—
—
—
17.11
17.74
—
—
—
—
—
—
13.12
13.33
13.80
14.32
15.19
—
—
—
—
—
8.61
8.68
8.85
9.04
9.35
—
—
—
—
—
6.93
7.01
7.19
7.38
7.72
ns
ns
ns
ns
ns
ECLK Middle Input Pin
→OUTPUT Pin
(Sinklim)
OR3T20
OR3T30
OR3C/T55
OR3C/T80
OR3T125
—
—
—
—
—
—
—
18.47
19.10
—
—
—
—
—
—
14.47
14.68
15.15
15.67
16.54
—
—
—
—
—
13.46
13.53
13.70
13.88
14.20
—
—
—
—
—
11.67
11.75
11.93
12.12
12.46
ns
ns
ns
ns
ns
Additional Delay if ECLK Corner Pin
Used
OR3T20
OR3T30
OR3C/T55
OR3C/T80
OR3T125
—
—
—
—
—
—
—
2.10
2.14
—
—
—
—
—
—
1.97
1.99
2.01
2.04
2.09
—
—
—
—
—
1.82
1.92
2.12
2.33
2.63
—
—
—
—
—
1.60
1.69
1.88
2.07
2.39
ns
ns
ns
ns
ns
OUTPUT (50 pF LOAD)
Q
D
ECLK
FCLK
PIO FF
CLKCNTRL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com