Electronic Components Datasheet Search
  English  ▼

X  

OR3C55 Datasheet(PDF) 209 Page - Agere Systems

Part # OR3C55
Description  3C and 3T Field-Programmable Gate Arrays
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR3C55 Datasheet(HTML) 209 Page - Agere Systems

Back Button OR3C55 Datasheet HTML 202Page - Agere Systems OR3C55 Datasheet HTML 203Page - Agere Systems OR3C55 Datasheet HTML 204Page - Agere Systems OR3C55 Datasheet HTML 205Page - Agere Systems OR3C55 Datasheet HTML 206Page - Agere Systems OR3C55 Datasheet HTML 207Page - Agere Systems OR3C55 Datasheet HTML 208Page - Agere Systems OR3C55 Datasheet HTML 209Page - Agere Systems OR3C55 Datasheet HTML 210Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 209 / 210 page
background image
Lucent Technologies Inc.
209
Data Sheet
June 1999
ORCA Series 3C and 3T FPGAs
Index (continued)
R
RAM (see also FPGA Configuration), 85
Dual-port, 3, 10, 17
Single-port, 3, 10, 17
Recommended Operating Conditions, 95
Reconfiguration (see FPGA States of Operation)
Routing
3-Statable Bidirectional Buffers, 24
BIDI Routing, 24, 27
Clock (and Global CE and LSR) Routing, 30
Configurable Interconnect Points (CIPs), 24
Control Signal and Fast-Carry Routing, 27
Flexible Input Structure (FINS), 26
Inter-PLC Routing Resources, 28
Interquad Routing, 44
Intra-PLC Routing Resources, 26—27
Minimizing Routing Delay, 30
Overview, 5
PFU Output Switching, 26
PIC Routing, 41—43
PIC Interquad (MID) Routing, 46
PLC Routing, 26—32
Programmable Corner Cell Routing, 45
SLIC Connectivity, 27
Switching Routing Segments (xSW), 26
S
SEL, 8, 10, 22
Softwired LUTs (SWLs),1, 6, 11, 12
(see also Look-Up Table Operating Modes)
Special Function Blocks
Boundary Scan, 60
Boundary-Scan Cells, 59
Boundary-Scan Timing, 60
Microprocessor Interface (MPI), 61—68
Programmable Clock Manager (PCM), 69—80
Single Function Blocks, 51
Clock Control (CLKCNTRL), 53
Global 3-State Control (TS_ALL), 52
Global Set/Reset (GSRN), 52
Internal Oscillator, 52
Readback Logic, 51
Start-Up Logic, 53
Start-Up (see FPGA States of Operation)
StopCLK, 1, 5, 53
(see also Special Function Blocks)
Subtractor (see LUT Operating Modes)
Supplemental Logic and Interconnect Cell (SLIC), 1,
18—21
System Clock (see Clock Distribution Network), 47
3-state, 3—4, 17—18, 34, 38, 45—46, 52, 56, 59, 82, 84
T
Timing Characteristics
Asynchronous Peripheral Configuration Mode, 132
Boundry-Scan Timing, 119
Clock Timing, 119
Derating, 98
Description, 98
General Configuration Mode Timing, 129, 130
Master Parallel Configuration Mode, 131
Master Serial Configuration Mode, 130
Microprocessor Interface Configuration Timing, 137
PFU Timing, 100
PIO Timing, 108, 109, 110
PLC Timing, 107
Programmable Clock Manager Timing, 115
Readback Timing, 139
Slave Parallel Configuration Mode, 134
Slave Serial Configuration Mode, 133
SLIC Timing, 107
Tolerant I/O (see 5 V Tolerant I/O), 34
TS_ALL, 52 Twin-quad Architecture (see PFU), 1
U—Z
Zero-hold Inputs, 34—36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com