Electronic Components Datasheet Search
  English  ▼

X  

OR4E10 Datasheet(PDF) 49 Page - Agere Systems

Part # OR4E10
Description  Field-Programmable Gate Arrays
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

OR4E10 Datasheet(HTML) 49 Page - Agere Systems

Back Button OR4E10 Datasheet HTML 45Page - Agere Systems OR4E10 Datasheet HTML 46Page - Agere Systems OR4E10 Datasheet HTML 47Page - Agere Systems OR4E10 Datasheet HTML 48Page - Agere Systems OR4E10 Datasheet HTML 49Page - Agere Systems OR4E10 Datasheet HTML 50Page - Agere Systems OR4E10 Datasheet HTML 51Page - Agere Systems OR4E10 Datasheet HTML 52Page - Agere Systems OR4E10 Datasheet HTML 53Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 124 page
background image
Lucent Technologies Inc.
49
Preliminary Data Sheet
December 2000
ORCA Series 4 FPGAs
Embedded System Bus (ESB)
Implemented using the open standard, on-chip bus
AMBA-AHB 2.0 specification, the Series 4 devices con-
nects all the FPGA elements together with a standard-
ized bus framework. The ESB facilitates communication
among MPI, configuration, EBRs, and user logic in all
the generic FPGA devices. AHB serves the need for
high-performance SoC as well as aligning with current
synthesis design flows. Multiple bus masters optimize
system performance by sharing resources between dif-
ferent bus masters such as the MPI and configuration
logic. The wide data bus configuration of 32 bits with
4-bit parity supports the high-bandwidth of data-inten-
sive applications of using the wide on-chip memory.
AMBA enhances a reusable design methodology by
defining a common backbone for IP modules.
The ESB is a synchronous bus that is driven by either
the MPI clock, internal oscillator, CCLK (slave configu-
ration modes), TCK (JTAG configuration modes), or by
a user clock from routing. During initial configuration
and reconfiguration, the bus clock is defaulted to the
configuration clock. The postconfiguration clock source
is set during configuration. The user has the ability to
program several slaves through the user logic interface.
Embedded block RAM also interfaces seamlessly to the
AHB bus.
A single bus arbiter controls the traffic on the bus by
ensuring that only one master has access to the bus at
any time. The arbiter monitors a number of different
requests to use the bus and decides which request is
currently the highest priority. The configuration modes
have the highest priority and overrides all normal user
modes. Priority can be programmed between MPI and
user logic at configuration in generic FPGAs. If no prior-
ity is set, a round-robin approach is used by granting
the next requesting master in a rotating fixed order.
Several interfaces exist between the ESB and other
FPGA elements. The MPI interface acts as a bridge
between the external microprocessor bus and ESB.
The MPI may have different clock domains than the
ESB if the ESB clock is not sourced from the external
microprocessor clock. Pipelined operation allows high-
speed memory interface to the EBR and peripheral
access without the requirement for additional cycles on
the bus. Burst transfers allow optimal use of the mem-
ory interface by giving advance information of the
nature of the transfers.
Table 27 is a listing of the ESB register file and brief
descriptions. Table 28 shows the system interrupt regis-
ters, and Table 29 and Table 30 show the FPGA status
and command registers, all with brief descriptions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com