Electronic Components Datasheet Search
  English  ▼

X  

P172ABCJ Datasheet(PDF) 8 Page - Agere Systems

Part # P172ABCJ
Description  P172-Type Receiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

P172ABCJ Datasheet(HTML) 8 Page - Agere Systems

  P172ABCJ Datasheet HTML 1Page - Agere Systems P172ABCJ Datasheet HTML 2Page - Agere Systems P172ABCJ Datasheet HTML 3Page - Agere Systems P172ABCJ Datasheet HTML 4Page - Agere Systems P172ABCJ Datasheet HTML 5Page - Agere Systems P172ABCJ Datasheet HTML 6Page - Agere Systems P172ABCJ Datasheet HTML 7Page - Agere Systems P172ABCJ Datasheet HTML 8Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Advance Data Sheet
P172-Type Receiver
August 2001
Agere Systems Inc. reserves the right to make changes to the product(s) or information contained herein without notice. No liability is assumed as a result of their use or application.
Copyright © 2001 Agere Systems Inc.
All Rights Reserved
August 2001
DS01-283OPTO (Replaces DS99-198LWP-2 )
For additional information, contact your Agere Systems Account Manager or the following:
INTERNET:
http://www.agere.com
E-MAIL:
docmaster@agere.com
N. AMERICA:
Agere Systems Inc., 555 Union Boulevard, Room 30L-15P-BA, Allentown, PA 18109-3286
1-800-372-2447, FAX 610-712-4106 (In CANADA: 1-800-553-2448, FAX 610-712-4106)
ASIA:
Agere Systems Hong Kong Ltd., Suites 3201 & 3210-12, 32/F, Tower 2, The Gateway, Harbour City, Kowloon
Tel. (852) 3129-2000, FAX (852) 3129-2020
CHINA: (86) 21-5047-1212 (Shanghai), (86) 10-6522-5566 (Beijing), (86) 755-695-7224 (Shenzhen)
JAPAN: (81) 3-5421-1600 (Tokyo), KOREA: (82) 2-767-1850 (Seoul), SINGAPORE: (65) 778-8833, TAIWAN: (886) 2-2725-5858 (Taipei)
EUROPE:
Tel. (44) 7000 624624, FAX (44) 1344 488 045
Ordering Information
Telcordia Technologies is a trademark of Telcordia Technologies, Inc.
Table 5. P172-Type Receiver Ordering Information
Product Code
Detector Type
Connector type
Lead type
Fiber type
Comcode
P172ABCA
APD
SC/PC
Through Hole
SMF
108566076
P172ABCF
APD
FC/PC
Through Hole
SMF
108566084
P172ABCS
APD
LC
Through Hole
SMF
TBD
P172ABCJ
APD
MU
Through Hole
SMF
TBD
P172ACCA
APD
SC/PC
Gull Wing
SMF
109122325
P172ACCF
APD
FC/PC
Gull Wing
SMF
TBD
P172ACCS
APD
LC
Gull Wing
SMF
TBD
P172ACCJ
APD
MU
Gull Wing
SMF
TBD
P172PBCA
PIN
SC/PC
Through Hole
SMF
108566100
P172PBCF
PIN
FC/PC
Through Hole
SMF
108566118
P172PBCS
PIN
LC
Through Hole
SMF
TBD
P172PBCJ
PIN
MU
Through Hole
SMF
TBD
P172PCCA
PIN
SC/PC
Gull Wing
SMF
TBD
P172PCCF
PIN
FC/PC
Gull Wing
SMF
TBD
P172PCCS
PIN
LC
Gull Wing
SMF
TBD
P172PCCJ
PIN
MU
Gull Wing
SMF
TBD
P172PBAA
PIN
SC/PC
Through Hole
MMF
TBD
P172PBAF
PIN
FC/PC
Through Hole
MMF
109113274
P172PBAS
PIN
LC
Through Hole
MMF
TBD
P172PBAJ
PIN
MU
Through Hole
MMF
TBD
P172PCAA
PIN
SC/PC
Gull Wing
MMF
TBD
P172PCAF
PIN
FC/PC
Gull Wing
MMF
TBD
P172PCAS
PIN
LC
Gull Wing
MMF
TBD
P172PCAJ
PIN
MU
Gull Wing
MMF
TBD
Table 6. Related Product Information
Product Code
Description
Document Number
R485
2.5 Gbits/s Receiver with Clock Recovery
DS01-005OPTO
R480
2.5 Gbits/s Receiver with CML Data Output
DS01-011OPTO



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com