Electronic Components Datasheet Search
  English  ▼

X  

R2860F040 Datasheet(PDF) 2 Page - Agere Systems

Part # R2860F040
Description  R2860F Digital Receiver OC-192/STM-64
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

R2860F040 Datasheet(HTML) 2 Page - Agere Systems

  R2860F040 Datasheet HTML 1Page - Agere Systems R2860F040 Datasheet HTML 2Page - Agere Systems R2860F040 Datasheet HTML 3Page - Agere Systems R2860F040 Datasheet HTML 4Page - Agere Systems R2860F040 Datasheet HTML 5Page - Agere Systems R2860F040 Datasheet HTML 6Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Agere Systems Inc.
Data Sheet, Rev. 2
R2860F Digital Receiver OC-192/STM-64
September 2001
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are abso-
lute stress ratings only. Functional operation of the device is not implied at these or any other conditions in excess
of those given in the operational sections of the data sheet. Exposure to absolute maximum ratings for extended
periods can adversely affect device reliability.
Electrical/Optical Characteristics
* Floating supply capability allows alternate powering configurations such as VPD = 8 V, VCC = 8 V, and VEE = GND, or VPD = GND, VCC = GND,
and VEE = –8 V.
Parameter
Symbol
Min
Max
Unit
Operating Temperature Range
TOP
–5
70
°C
Storage Case Temperature Range
Tstg
–40
85
°C
Preamp Supply Voltage
VCC-VEE
—12
V
Photodiode Bias Voltage
VPD-VEE
—20
V
Optical Input Power
PIN
—4
dBm
Table 1. Electrical and Optical Characteristics (25 °C Case Temperature)
Parameter
Symbol
Min
Typ
Max
Unit
Optical Wavelength Range
λ
1280
—
1580
nm
Sensitivity (10-10 BER, PRBS 223 – 1)
—
—
–20
–18
dBm
Overload (10-13 BER, PRBS 223 – 1)
—
0
2
—
dBm
Responsivity
R
0.7
0.8
—
A/W
Dark Current
ID
——
1.0
nA
High-Frequency Cutoff
—
8.0
9.0
—
GHz
Low-Frequency Cutoff
—
—
—
30
kHz
Transimpedance
Z
1400
2000
—
Ω
Maximum ac Output Voltage Swing
—
—
800
—
mVp-p
RF Output Return Loss
(0.1 GHz—5 GHz)
RLRF
—
—
10
dB
Optical Return Loss
RL
27
—
—
dB
Logic Sense
—
—
Noninverting
—
—
Photodiode Supply Voltage*
VPD
357
V
Positive Supply Voltage*
VCC
45
5.5
V
Negative Supply Voltage*
VEE
–5.5
–5
–4
V
Supply Current
ICC, –IEE
—80
120
mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com