Electronic Components Datasheet Search
  English  ▼

X  

R485 Datasheet(PDF) 4 Page - Agere Systems

Part # R485
Description  R485-Type Lightwave Receiver with Clock Recovery for 2.488 Gbits/s Applications
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

R485 Datasheet(HTML) 4 Page - Agere Systems

  R485 Datasheet HTML 1Page - Agere Systems R485 Datasheet HTML 2Page - Agere Systems R485 Datasheet HTML 3Page - Agere Systems R485 Datasheet HTML 4Page - Agere Systems R485 Datasheet HTML 5Page - Agere Systems R485 Datasheet HTML 6Page - Agere Systems R485 Datasheet HTML 7Page - Agere Systems R485 Datasheet HTML 8Page - Agere Systems R485 Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Advance Data Sheet, Rev. 1
October 2001
Recovery for 2.488 Gbits/s Applications
R485-Type Lightwave Receiver with Clock
4
Agere Systems Inc.
Characteristics (continued)
Table 3. Electrical Characteristics
* Typical values measured at room temperature and beginning of life.
† Measured with a 50
Ω to ground. Outputs must be ac-coupled (see Figure 2).
‡ TTL output.
Parameter
Symbol
Min
Typ*
Max
Unit
Bit Rate
—
2488.07
2488.32
2488.57
Mbits/s
dc Power Supply Voltages
VCC
4.75
5.0
5.25
V
Power Consumption
—
—
1.3
2.0
W
Output Data/Clock Voltage:†
Single Output
Differential Output
SV
DV
0.3
0.6
0.4
0.8
1.0
2.0
Vp-p
Vp-p
Output Flag Voltage:‡
High
Low
VFOH
VFOL
2.5
0
5.0
0.2
VCC
0.8
V
V
Clock/Data Alignment (see Figure 1)
tCDA
—0
±40
ps
Clock Duty Cycle
—
45
50
55
%
Jitter Generation
JG
—
0.005
<0.01
Ul rms
Jitter Transfer (see Figure 2)
JP
——
<0.1
dB
Jitter Tolerance (see Figure 3)
Telcordia Technologies™ GR-253-Core and ITU-T G.958 Compliant



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com