Electronic Components Datasheet Search
  English  ▼

X  

LM5111 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM5111
Description  LM5111 Dual 5A Compound Gate Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5111 Datasheet(HTML) 2 Page - Texas Instruments

  LM5111 Datasheet HTML 1Page - Texas Instruments LM5111 Datasheet HTML 2Page - Texas Instruments LM5111 Datasheet HTML 3Page - Texas Instruments LM5111 Datasheet HTML 4Page - Texas Instruments LM5111 Datasheet HTML 5Page - Texas Instruments LM5111 Datasheet HTML 6Page - Texas Instruments LM5111 Datasheet HTML 7Page - Texas Instruments LM5111 Datasheet HTML 8Page - Texas Instruments LM5111 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
LM5111
SNVS300F – JULY 2004 – REVISED MAY 2011
www.ti.com
PIN DESCRIPTIONS
Pin
Name
Description
Application Information
1
NC
No Connect
2
IN_A
‘A’ side control input
TTL compatible thresholds.
Ground reference for both inputs and
3
VEE
Connect to power ground.
outputs
4
IN_B
‘B’ side control input
TTL compatible thresholds.
Voltage swing of this output is from VCC to VEE. The output
5
OUT_B
Output for the ‘B’ side driver.
stage is capable of sourcing 3A and sinking 5A.
6
VCC
Positive output supply
Locally decouple to VEE.
Voltage swing of this output is from VCC to VEE. The output
7
OUT_A.
Output for the ‘A’ side driver.
stage is capable of sourcing 3A and sinking 5A.
8
NC
No Connect
It is recommended that the exposed pad on the bottom of the
EP (VSSOP Package)
package be soldered to ground plane on the PC board to aid
thermal dissipation.
Configuration Table
Part Number
“A” Output Configuration
“B” Output Configuration
Package
LM5111-1M/-1MX/-1MY/-1MYX
Non-Inverting (Low in UVLO)
Non-Inverting (Low in UVLO)
SOIC, VSSOP
LM5111-2M/-2MX/-2MY/-2MYX
Inverting (Low in UVLO)
Inverting (Low in UVLO)
SOIC, VSSOP
LM5111-3M/-3MX/-3MY/-3MYX
Inverting (Low in UVLO)
Non-Inverting (Low in UVLO)
SOIC, VSSOP
LM5111-4M/-4MX/-4MY/-4MYX
Inverting (High in UVLO)
Non-Inverting (Low in UVLO)
SOIC, VSSOP
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
VCC to VEE
−0.3V to 15V
IN to VEE
−0.3V to 15V
Storage Temperature Range, (TSTG)
−55°C to +150°C
Maximum Junction Temperature, (TJ(max))
+150°C
Operating Junction Temperature
+125°C
ESD Rating
2kV
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is intended to be functional. For guaranteed specifications and test conditions, see the Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
2
Submit Documentation Feedback
Copyright © 2004–2011, Texas Instruments Incorporated
Product Folder Links: LM5111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com