Electronic Components Datasheet Search
  English  ▼

X  

R485WMAA Datasheet(PDF) 2 Page - Agere Systems

Part # R485WMAA
Description  R485-Type Lightwave Receiver with Clock Recovery for 2.488 Gbits/s Applications
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

R485WMAA Datasheet(HTML) 2 Page - Agere Systems

  R485WMAA Datasheet HTML 1Page - Agere Systems R485WMAA Datasheet HTML 2Page - Agere Systems R485WMAA Datasheet HTML 3Page - Agere Systems R485WMAA Datasheet HTML 4Page - Agere Systems R485WMAA Datasheet HTML 5Page - Agere Systems R485WMAA Datasheet HTML 6Page - Agere Systems R485WMAA Datasheet HTML 7Page - Agere Systems R485WMAA Datasheet HTML 8Page - Agere Systems R485WMAA Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Agere Systems Inc.
Advance Data Sheet, Rev. 1
October 2001
Recovery for 2.488 Gbits/s Applications
R485-Type Lightwave Receiver with Clock
Flag Output
When the incoming optical signal falls below the link-
status switching threshold, the FLAG output is asserted
and the FLAG output logic level changes from a TTL
low to a TTL high.
Pin Information
Table 1. Pin Information
* Pins designated as no user connect (NUC) are connected inter-
nally. The user should not make any connections to these pins.
† The loss of signal (LOS) FLAG output is a logic level that indicates
the presence or absence of a minimum acceptable level of optical
input. A TTL logic HIGH indicates the absence of a valid optical
input signal.
‡ This pin is not internally connected if the amplitude decision
threshold (DTV) is not made adjustable.
Handling Precautions
The R485-Type receiver is manufactured with a
39 in.
± 4 in. (100 cm ± 10 cm) single-mode fiber pigtail
with a 900
µm OD PVC outer jacket. Both SC and FC-
PC connectors are offered on standard versions. Other
optical connector options are available on special
order. Please contact an Agere Systems Account Man-
ager for availability and ordering information.
The minimum fiber bending radius is 1.5 inches
(38 mm).
Receiver Processing
The R485-Type receiver devices can withstand normal
wave soldering processes. The complete receiver mod-
ule is not hermetically sealed; therefore, it should not
be immersed in, or sprayed with, any solutions. The
optical connector process cap deformation temperature
is 85
°C. The receiver pins can be wave soldered at
250
°C for 10 seconds.
Electrostatic Discharge
CAUTION: This device is susceptible to damage as
a result of electrostatic discharge (ESD).
Take proper precautions during both
handling and testing. Follow guidelines
such as JEDEC Publication No. 108-A
(Dec. 1988).
Although protection circuitry is designed into the
device, take proper precautions to avoid exposure to
ESD.
Agere employs a human-body model HBM) for ESD-
susceptibility testing and protection design evaluation.
ESD voltage thresholds are dependent on the critical
parameters used to define the model. A standard HBM
(resistance = 1.5 k
Ω, capacitance = 100 pF) is widely
used and, therefore, can be used for comparison pur-
poses.
Installation Considerations
Although the receiver has been designed with rugged-
ness in mind, care should be used during handling.
The optical connector should be kept free from dust.
The optical connector process cap should be kept in
place as a dust cover when the device is not connected
to a cable. If contamination is present on the optical
connector, the use of canned air with a extension tube
should remove any loose debris. Other cleaning proce-
dures are outlined in the
Cleaning Fiber Optic Assem-
blies Technical Note (TN95-010LWP).
The cable should be handled conservatively with no
excessive axial pulling or lateral tugging.
Pin
Name
Pin
Name
1
NIC
24
NUC*
2
NUC*
23
NUC*
3LOS Flag†
22
VCC
4
Ground
21
NUC*
5CLOCK
20
Ground
6
CLOCK
19
Ground
7
Ground
18
NIC
8VCC
17
Ground
9
Ground
16
Ground
10
DATA
15
Ground
11
DATA
14
Ground
12
Ground
13
DTV/NIC‡



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com