Electronic Components Datasheet Search
  English  ▼

X  

T7121 Datasheet(PDF) 4 Page - Agere Systems

Part # T7121
Description  T7121 HDLC Interface for ISDN
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

T7121 Datasheet(HTML) 4 Page - Agere Systems

  T7121 Datasheet HTML 1Page - Agere Systems T7121 Datasheet HTML 2Page - Agere Systems T7121 Datasheet HTML 3Page - Agere Systems T7121 Datasheet HTML 4Page - Agere Systems T7121 Datasheet HTML 5Page - Agere Systems T7121 Datasheet HTML 6Page - Agere Systems T7121 Datasheet HTML 7Page - Agere Systems T7121 Datasheet HTML 8Page - Agere Systems T7121 Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 68 page
background image
4
Lucent Technologies Inc.
Data Sheet
April 1997
T7121 HDLC Interface for ISDN (HIFI-64)
Pin Information
5-5028
Figure 2. Pin Diagram
Table 1. Pin Assignments
Group
Symbol
Function
Chip Clock
CLK
0 MHz—12 MHz
Power & Ground
VDD
VSS
5 V Power
Ground
Microprocessor Bus Interface
RD
WR
CS
INT
RESET
AD7—AD0
ALE
A3—A0
Read
Write
Chip Select
Interrupt
Reset
Address/Data Bus
Address Latch Enable
Address Bus (non-ALE addressing mode)
Serial Link Interface
DXA
DXB
TSCA
CLKX
FS
CLKR
DRA
DRB
Transmit Data A
Transmit Data B
Time-slot Control DXA
Transmit Clock
Frame Synchronization
Receive Clock
Receive Data A
Receive Data B
ALE
AD0
AD1
AD2
AD3
AD4
AD5
AD6
AD7
RD
CS
INT
1
2
3
4
5
6
7
8
9
10
11
12
13
14
VDD
A2
A3
CLKR/DRB
DXA
CLKX
DXB/TSCA
FS
RESET
28
27
26
25
24
23
22
21
20
19
18
17
16
15
VSS
WR
A0
CLK
VSS
DRA
LUCENT
T7121
HIFI-64
A1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com