Electronic Components Datasheet Search
  English  ▼

X  

PE3370LF Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE3370LF
Description  CABLE ASSEMBLY RG214/U BNC MALE RIGHT ANGLE TO BNC MALE RIGHT ANGLE(LEAD FREE)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3370LF Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3370LF Datasheet HTML 1Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BNC MALE RIGHT ANGLE
RG214/U
BNC MALE RIGHT ANGLE
PE3370LF-XX
CABLE ASSEMBLY, RG214/U, BNC MALE
RIGHT ANGLE TO BNC MALE RIGHT ANGLE
(LEAD FREE)
50 OHM
50 OHM
50 OHM
BNC
MALE
RIGHT ANGLE
BNC
MALE
RIGHT ANGLE
SCALE N/A
DWG TITLE
CAD FILE
147
FSCM NO. 53919
REV. A
DES.
NOTES:
1. UNLESS OTHERWISE SPECIFIED ALL DIMENSIONS ARE NOMINAL.
2. ALL SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE AT ANY TIME.
021308
SIZE A
3. DIMENSIONS ARE IN INCHES.
4. LENGTH TOLERANCE IS ± 1.5% OR 10mm, WHICHEVER IS GREATER.
Standard Lengths
-12
-24
-36
-48
-60
-XXX
12''
24"
36"
48"
60"
Custom Length in inches
COMPONENTS
IMPEDANCE


Similar Part No. - PE3370LF

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3370 PASTERNACK-PE3370 Datasheet
281Kb / 1P
Cable Assembly
PE33700 PASTERNACK-PE33700 Datasheet
98Kb / 1P
UNLESS OTHERWISE SPECIFIED ALL DIMENSIONS ARE NOMINAL
PE33700-12 PASTERNACK-PE33700-12 Datasheet
98Kb / 1P
UNLESS OTHERWISE SPECIFIED ALL DIMENSIONS ARE NOMINAL
PE33700-24 PASTERNACK-PE33700-24 Datasheet
98Kb / 1P
UNLESS OTHERWISE SPECIFIED ALL DIMENSIONS ARE NOMINAL
PE33700-36 PASTERNACK-PE33700-36 Datasheet
98Kb / 1P
UNLESS OTHERWISE SPECIFIED ALL DIMENSIONS ARE NOMINAL
More results

Similar Description - PE3370LF

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3458LF PASTERNACK-PE3458LF Datasheet
287Kb / 1P
CABLE ASSEMBLY RG400/U BNC MALE RIGHT ANGLE TO BNC MALE RIGHT ANGLE(LEAD FREE)
PE3351LF PASTERNACK-PE3351LF Datasheet
233Kb / 1P
CABLE ASSEMBLY RG18A/U BNC MALE RIGHT ANGLE TO BNC MALE RIGHT ANGLE(LEAD FREE)
PE3935LF PASTERNACK-PE3935LF Datasheet
288Kb / 1P
CABLE ASSEMBLY RG59C/U BNC MALE RIGHT ANGLE TO BNC MALE RIGHT ANGLE(LEAD FREE)
PE3025LF-72 PASTERNACK-PE3025LF-72 Datasheet
157Kb / 1P
cable assembly, rg58c/u, bnc male right angle to bnc male right angle(lead free)
PE3044LF-12 PASTERNACK-PE3044LF-12 Datasheet
155Kb / 1P
cable assembly, rg142c/u, bnc male right angle to bnc male right angle(lead free)
PE3044LF-36 PASTERNACK-PE3044LF-36 Datasheet
155Kb / 1P
cable assembly, rg142c/u, bnc male right angle to bnc male right angle(lead free)
PE3044LF-60 PASTERNACK-PE3044LF-60 Datasheet
166Kb / 1P
cable assembly, rg142c/u, bnc male right angle to bnc male right angle(lead free)
PE3044LF-72 PASTERNACK-PE3044LF-72 Datasheet
155Kb / 1P
cable assembly, rg142c/u, bnc male right angle to bnc male right angle(lead free)
PE3325 PASTERNACK-PE3325 Datasheet
275Kb / 1P
CABLE ASSEMBLY, RG214/U, BNC MALE TO BNC MALE RIGHT ANGLE
PE3325LF PASTERNACK-PE3325LF Datasheet
285Kb / 1P
CABLE ASSEMBLY, RG214/U, BNC MALE TO BNC MALE RIGHT ANGLE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com