Electronic Components Datasheet Search
  English  ▼

X  

P172PCAA Datasheet(PDF) 1 Page - Agere Systems

Part # P172PCAA
Description  P172-Type Receiver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

P172PCAA Datasheet(HTML) 1 Page - Agere Systems

  P172PCAA Datasheet HTML 1Page - Agere Systems P172PCAA Datasheet HTML 2Page - Agere Systems P172PCAA Datasheet HTML 3Page - Agere Systems P172PCAA Datasheet HTML 4Page - Agere Systems P172PCAA Datasheet HTML 5Page - Agere Systems P172PCAA Datasheet HTML 6Page - Agere Systems P172PCAA Datasheet HTML 7Page - Agere Systems P172PCAA Datasheet HTML 8Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
P172-Type Receiver
Advance Data Sheet
August 2001
The P172-Type PIN/Preamp and APD/Preamp receivers are
available in a mini-DIL package (top) or a gull-wing package
(bottom).
Features
s
Low-profile, 8-lead mini-DIL or gull-wing style
package:
— Suitable for SONET/SDH applications
s
Metal package:
— Offers superior shielding for high noise
immunity
s
Planar structure for high reliability
s
Operating wavelength range:
— 1.25
µm—1.6 µm
s
Available in 8
µm core single-mode fiber or
62.5
µm core multimode fiber pigtails
s
Wide operating temperature range:
— APD/PIN, –40
°C to +85 °C
s
Scheduled to be qualified according to
Telcordia
Technologies ™ GR-468-CORE
s
Typical sensitivity:
— APD, –32 dBm
— PIN, –23 dBm
s
Thermistor in APD version
Applications
s
Long-reach or metro SONET OC-48 and
SDH STM-16, or multidata-rate telecommunica-
tions applications
s
SONET/SDH receivers and transponders
s
Line terminal equipment
Benefits
s
Compact size
s
Easily board mounted


Similar Part No. - P172PCAA

ManufacturerPart #DatasheetDescription
logo
ETAL Group
P1727 ETAL-P1727 Datasheet
107Kb / 4P
PICK-OFF TRANSFORMER
logo
PulseCore Semiconductor
P1727 PULSECORE-P1727 Datasheet
182Kb / 9P
Low Power Notebook LCD Panel EMI Reduction IC
logo
ON Semiconductor
P1727 ONSEMI-P1727 Datasheet
131Kb / 6P
Notebook LCD Panel EMI Reduction IC
JANUARY 2010 ??Rev. 1
P1727AF-08SR ONSEMI-P1727AF-08SR Datasheet
131Kb / 6P
Notebook LCD Panel EMI Reduction IC
JANUARY 2010 ??Rev. 1
logo
PulseCore Semiconductor
P1727AG-08SR PULSECORE-P1727AG-08SR Datasheet
182Kb / 9P
Low Power Notebook LCD Panel EMI Reduction IC
More results

Similar Description - P172PCAA

ManufacturerPart #DatasheetDescription
logo
Agere Systems
R768 AGERE-R768 Datasheet
91Kb / 6P
R768-Type OC-768/STM-256 Lightweight Receiver
September 2000
logo
Sony Corporation
GXB5005 SONY-GXB5005 Datasheet
131Kb / 12P
SMD Type GPS Receiver Module
logo
Sanyo Semicon Device
SVC707 SANYO-SVC707 Datasheet
23Kb / 3P
Silicon Diffused Junction Type FM Receiver Electronic Tuning Applications
logo
Source Photonics, Inc.
T-11-1250-P3-SFC-APC SOURCE-T-11-1250-P3-SFC-APC Datasheet
470Kb / 3P
1.25Gbps 3.3V PIN-TIA Receiver Modules- Pigtailed (APC Type)
logo
IK Semicon Co., Ltd
IL6965 IKSEMICON-IL6965 Datasheet
2Mb / 24P
Receiver follow impedance type can also be used
logo
Festo Corporation.
537696 FESTO-537696 Datasheet
107Kb / 2P
Receiver
7/13/22
537711 FESTO-537711 Datasheet
111Kb / 2P
Receiver
7/13/22
537712 FESTO-537712 Datasheet
107Kb / 2P
Receiver
7/13/22
logo
Renesas Technology Corp
NDL5590P RENESAS-NDL5590P Datasheet
210Kb / 14P
RECEIVER
1995
NR3315TA RENESAS-NR3315TA Datasheet
235Kb / 9P
RECEIVER
2009
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com