Electronic Components Datasheet Search
  English  ▼

X  

T8100 Datasheet(PDF) 13 Page - Agere Systems

Part # T8100
Description  H.100/H.110 Interface and Time-Slot Interchanger
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

T8100 Datasheet(HTML) 13 Page - Agere Systems

Back Button T8100 Datasheet HTML 9Page - Agere Systems T8100 Datasheet HTML 10Page - Agere Systems T8100 Datasheet HTML 11Page - Agere Systems T8100 Datasheet HTML 12Page - Agere Systems T8100 Datasheet HTML 13Page - Agere Systems T8100 Datasheet HTML 14Page - Agere Systems T8100 Datasheet HTML 15Page - Agere Systems T8100 Datasheet HTML 16Page - Agere Systems T8100 Datasheet HTML 17Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 92 page
background image
Lucent Technologies Inc.
11
Preliminary Data Sheet
August 1998
H.100/H.110 Interface and Time-Slot Interchanger
Ambassador T8100
1 Product Overview (continued)
1.6 Onboard PLLs and Clock Monitors
The T8100 uses rate multipliers and state machines to
generate onboard frequencies for supporting the
H.100, H-
MVIP, MVIP, MC-1, and SC-Buses. Pins are
provided for coupling the internal clock circuitry with
commonly available clock adapters and jitter attenua-
tors. If external resources are not available, an internal
digital phase-locked loop (DPLL) can be used to gener-
ate all the bus frequencies and remain synchronized to
an 8 kHz reference. One of several clock input refer-
ence sources may be selected, and separate input-
active detection logic can identify the loss of the individ-
ual input references. The entire clocking structure oper-
ates from a 16.384 MHz crystal or external input.
1.7 Phase Alignment of Referenced and
Generated Frames
If this resource is selected, special control logic will cre-
ate bit-sliding in the data streams when the reference
frame and generated frame are out of phase. The bit-
sliding refers to removing a fraction of a bit time per
frame until the frames are in phase.
1.8 Interfaces
1.8.1 Microprocessors
The T8100 provides the user a choice of either
Motor-
ola or Intel interfacing through an 8-bit data bus, a 2-bit
address bus, and multifunction control pins. All access
to T8100 memory blocks and registers use indirect
addressing.
1.8.2 Framing Groups
Two groups of programmable framing signals are avail-
able. Each group is composed of 12 sequenced lines
operating in one of four modes. The T8100 supports
1-bit, 2-bit, 1-byte, and 2-byte pulse widths. Starting
position of the pulse sequences are also programma-
ble.
1.8.3 General-Purpose Register and I/O
A general-purpose register is provided as either a byte-
wide input or byte-wide output through a separate set
of pins.
1.9 Applications
s
Computer-telephony systems
s
Enhanced service platforms
s
WAN access devices
s
PBXs
s
Wireless base stations
1.10 Application Overview
The integration of computers and telecommunications
has enabled a wide range of new communications
applications and has fueled an enormous growth in
communications markets. A key element in the devel-
opment of computer-based communications equipment
has been the addition of an auxiliary telecom bus to
existing computer systems. Most manufacturers of
high-capacity, computer-based telecommunications
equipment have incorporated some such telecom
bus in their systems. Typically, these buses and bus
interfaces are designed to transport and switch
N x 64 kbits/s low-latency telecom traffic between
boards within the computer, independent of the com-
puter’s I/O and memory buses. At least a half dozen of
these PC-based telecom buses emerged in the early
1990s for use within equipment based on ISA/EISA
and MCA computers.
With the advent of the H.100 bus specification by the
Enterprise Computer Telephony Forum, the computer-
telephony industry has agreed on a single telecom bus
for use with PCI and compact PCI computers. H.100
facilitates interoperation of components, thus providing
maximum flexibility to equipment manufacturers, value-
added resellers, system integrators, and others build-
ing computer-based telecommunications applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com