Electronic Components Datasheet Search
  English  ▼

X  

T8207 Datasheet(PDF) 13 Page - Agere Systems

Part # T8207
Description  ATM Interconnect
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

T8207 Datasheet(HTML) 13 Page - Agere Systems

Back Button T8207 Datasheet HTML 9Page - Agere Systems T8207 Datasheet HTML 10Page - Agere Systems T8207 Datasheet HTML 11Page - Agere Systems T8207 Datasheet HTML 12Page - Agere Systems T8207 Datasheet HTML 13Page - Agere Systems T8207 Datasheet HTML 14Page - Agere Systems T8207 Datasheet HTML 15Page - Agere Systems T8207 Datasheet HTML 16Page - Agere Systems T8207 Datasheet HTML 17Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 158 page
background image
Agere Systems Inc.
13
Advance Data Sheet
September 2001
ATM Interconnect
CelXpres T8207
2
Pin Description
This section defines the
CelXpres T8207 pins. All TTL compatible inputs or I/O are 5 V tolerant. No GTL+ inputs or
I/O are 5 V tolerant.
Table 1. UTOPIA Pins
Symbol
Ball
Reset
Value
Type
Name/Description
u_rxaddr[4:0]
R2, P3, R1, P2,
P1
Z
I/O
RX UTOPIA Address Lines. 10 mA drive, TTL compatible I/O,
5 V tolerant.
u_rxdata[7:0]
V2, U3, T4, V1,
U2, T3, U1, T2
—I
RX UTOPIA Data Lines. TTL compatible input, 5 V tolerant.
u_rxclk
T1
Z
I/O
RX UTOPIA Clock. 10 mA drive, TTL compatible I/O, 5 V tolerant.
u_rxsoc
P4
—
I
RX UTOPIA Start of Cell (Active-High). TTL compatible input,
5 V tolerant.
u_rxclav[0]
L4
Z
I/O
RX UTOPIA PHY 0 Cell Available (Active-High). Main RX cell
available in single PHY mode. 10 mA drive, TTL compatible I/O, 5 V
tolerant. This pin has an internal 50 k
Ω pull-up resistor.
u_rxclav[3:1]
M3, M2, M1
—
I
RX UTOPIA Cell Available Lines (Active-High). TTL compatible
input, 5 V tolerant. These pins have an internal 50 k
Ω pull-up resis-
tor.
u_rxenb*[0]
M4
Z
I/O
RX UTOPIA PHY 0 Enable (Active-Low). Main RX enable in sin-
gle PHY mode. 10 mA drive, TTL compatible I/O, 5 V tolerant.
u_rxenb*[3:1]
N3, N2, N1
Z
I/O
RX UTOPIA PHY Enable Lines (Active-Low). 10 mA drive, TTL
compatible I/O, 5 V tolerant.
u_rxprty
R3
—
I
RX UTOPIA Odd Parity. TTL compatible input, 5 V tolerant. This
pin has an internal 50 k
Ω pull-up resistor.
u_txaddr[4:0]
P17, R19, R20,
P18, P19
Z
I/O
TX UTOPIA Address Lines. 10 mA drive, TTL compatible I/O.
5 V tolerant.
u_txdata[7:0]
W20, V19, U19,
U18, T17, V20,
U20, T18
ZO
TX UTOPIA Data Lines. 10 mA drive, TTL compatible output.
u_txclk
R18
Z
I/O
TX UTOPIA Clock. 10 mA drive, TTL compatible I/O, 5 V tolerant.
u_txsoc
T20
Z
O
TX UTOPIA Start of Cell (Active-High). 10 mA drive, TTL compat-
ible output.
u_txclav[0]
M20
Z
I/O
TX UTOPIA PHY 0 Cell Available (Active-High). Main TX cell
available in single PHY mode. 10 mA drive, TTL compatible I/O. 5 V
tolerant. This pin has an internal 50 k
Ω pull-up resistor.
u_txclav[3:1]
M17, M18, M19
—
I
TX UTOPIA Cell Available Lines (Active-High). TTL compatible
input, 5 V tolerant. These pins have an internal 50 k
Ω pull-up resis-
tor.
u_txenb*[0]
N20
Z
I/O
TX UTOPIA PHY 0 Enable (Active-Low). Main TX enable in single
PHY mode. 10 mA drive, TTL compatible I/O, 5 V tolerant.
u_txenb*[3:1]
P20, N18, N19
Z
O
TX UTOPIA Enable Lines (Active-Low). 10 mA drive, TTL com-
patible output.
u_txprty
T19
Z
O
TX UTOPIA Odd Parity. 10 mA drive, TTL compatible output.
u_shr_o
V16
1
O
Shared UTOPIA Output. Used as grant if device is shared
UTOPIA master or as request if device is shared UTOPIA slave.
4 mA drive, TTL compatible output. This pin has an internal 50 k
Ω
pull-up resistor.
u_shr_i
W17
—
I
Shared UTOPIA Input. Used as request if device is shared
UTOPIA master or as grant if chip is shared UTOPIA slave. TTL
compatible input, 5 V tolerant. This pin has an internal 50 k
Ω pull-
up resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com