Electronic Components Datasheet Search
  English  ▼

X  

T8531 Datasheet(PDF) 4 Page - Agere Systems

Part # T8531
Description  T8502 and T8503 Dual PCM Codecs with Filters
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

T8531 Datasheet(HTML) 4 Page - Agere Systems

  T8531 Datasheet HTML 1Page - Agere Systems T8531 Datasheet HTML 2Page - Agere Systems T8531 Datasheet HTML 3Page - Agere Systems T8531 Datasheet HTML 4Page - Agere Systems T8531 Datasheet HTML 5Page - Agere Systems T8531 Datasheet HTML 6Page - Agere Systems T8531 Datasheet HTML 7Page - Agere Systems T8531 Datasheet HTML 8Page - Agere Systems T8531 Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
4
Lucent Technologies Inc.
Preliminary Data Sheet
November 2000
Codec Chip Set
T8531/T8532 Multichannel Programmable
General Description (continued)
T8532 Description
The T8532 block diagram is shown in Figure 2. Each of its eight channels consists of an antialias filter, sigma-delta
A/D and D/A converters, reconstruction and smoothing filters, termination impedance synthesis, and selectable
gain. The digital oversampled data is multiplexed onto a serial data port designed to interface with the T8531.
Another serial interface accepts control data from the T8531 for activating the various gain settings, self-test, and
powerdown modes. This chip also contains a precision voltage reference.
5-3794.b (F)
Figure 2. Block Diagram of T8532 Octal Converter
5-3796.d (F)
* Antialiasing filter.
Figure 3. Block Diagram of One T8532 Analog Channel
8-CHANNEL
A/D D/A
ANALOG HYBRID
&
TERMINATION
VOLTAGE
REFERENCE
OVERSAMPLED
DATA
INTERFACE
CONTROL
INTERFACE
VTX[7:0]
VRTX[7:0]
VRP[7:0]
VRN[7:0]
VDDA
VSSA
VDD
VSS
OSDX[1:0]
OSDR[1:0]
OSCK
OSFS
CDO
CDI
CCS
RSTB
GAIN
AAF*
∑-∆
A/D
AT
GAIN
SUM
GAIN
V REFERENCES
RECEIVE
FILTER
D/A
D/A
VTX
VRP
VRN
1.024 MHz
1.024 MHz
VRTX
DIGITAL LOOPBACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com