Electronic Components Datasheet Search
  English  ▼

X  

T8534 Datasheet(PDF) 13 Page - Agere Systems

Part # T8534
Description  T8533/34 Quad Programmable Line Card Signal Processor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

T8534 Datasheet(HTML) 13 Page - Agere Systems

Back Button T8534 Datasheet HTML 9Page - Agere Systems T8534 Datasheet HTML 10Page - Agere Systems T8534 Datasheet HTML 11Page - Agere Systems T8534 Datasheet HTML 12Page - Agere Systems T8534 Datasheet HTML 13Page - Agere Systems T8534 Datasheet HTML 14Page - Agere Systems T8534 Datasheet HTML 15Page - Agere Systems T8534 Datasheet HTML 16Page - Agere Systems T8534 Datasheet HTML 17Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
Preliminary Data Sheet
July 2001
Signal Processor
T8533/34 Quad Programmable Line Card
Agere Systems Inc.
13
Functional Description (continued)
The Control Interface (continued)
Protocol (continued)
* Location of memory bank selection. All user controls are in memory bank 0; other memory banks contain internal state information for the
device.
Note: Data field length is in bytes for all operations. All data is transmitted in bytes with the LSB for each byte transmitted first. For 16-bit mem-
ory operations, the least significant byte of the first memory location is transmitted first, followed by the most significantbyte; each byte is
transmitted LSB first. Additional memory locations are loaded in ascending sequence.
Figure 5. Command Frame Format, Master to Slave, Read or Write Commands
Note: All data is transmitted in bytes with the LSB for each byte transmitted first. For memory operations, the least significant byte of the first
memory location is transmitted first, followed by the most significant byte, each byte transmitted LSB first. Additional memory locations
are loaded in ascending sequence.
Figure 6. Command Frame Format, Slave to Master, Read Commands
LSB
MSB LSB
MSB LSB
MSB LSB
COMMAND (8 bits)
START ADDRESS (8 bits)
DATA FIELD LENGTH (8 bits)
DATA FIELD (VARIABLE LENGTH) WRITE OPERATIONS ONLY
TIME
76
5432
10
MSB
LSB
START ADDRESS:
76
5432
10
MSB
LSB
DATA FIELD LENGTH:
76
5432
10
MSB
LSB
COMMAND:
0*
0*
CKT
SELECT
00
COMMAND
CKT SELECT:
CKT a:
CKT b:
CKT c:
CKT d:
00
01
10
11
COMMANDS: FAST SCAN MODE:
WRITE MEMORY:
WRITE ALL CHANNELS:
READ MEMORY:
10
01
11
00
LSB
DATA FIELD (VARIABLE LENGTH) READ OPERATIONS ONLY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com