Electronic Components Datasheet Search
  English  ▼

X  

TIP31 Datasheet(PDF) 3 Page - ON Semiconductor

Part # TIP31
Description  Complementary Silicon Plastic Power Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TIP31 Datasheet(HTML) 3 Page - ON Semiconductor

  TIP31 Datasheet HTML 1Page - ON Semiconductor TIP31 Datasheet HTML 2Page - ON Semiconductor TIP31 Datasheet HTML 3Page - ON Semiconductor TIP31 Datasheet HTML 4Page - ON Semiconductor TIP31 Datasheet HTML 5Page - ON Semiconductor TIP31 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TIP31, TIP31A, TIP31B, TIP31C, (NPN), TIP32, TIP32A, TIP32B, TIP32C, (PNP)
http://onsemi.com
3
Figure 1. Power Derating
T, TEMPERATURE (
°C)
0
100
0
1.0
160
2.0
3.0
60
80
40
140
4.0
TURN−ON PULSE
APPROX
+11 V
Vin 0
VEB(off)
t1
APPROX
+11 V
Vin
t2
TURN−OFF PULSE
t3
t1 ≤ 7.0 ns
100 < t2 < 500 ms
t3 < 15 ns
DUTY CYCLE
≈ 2.0%
APPROX − 9.0 V
RB and RC VARIED TO OBTAIN DESIRED CURRENT LEVELS.
SCOPE
RC
RB
VCC
Vin
Cjd << Ceb
−4.0 V
Figure 2. Switching Time Equivalent Circuit
0.03
Figure 3. Turn−On Time
IC, COLLECTOR CURRENT (AMP)
0.02
0.1
3.0
0.07
1.0
1.0
IC/IB = 10
TJ = 25°C
tr @ VCC = 10 V
0.5
0.3
0.1
0.05
0.05
0.3
0.5
td @ VEB(off) = 2.0 V
0.03
0.7
2.0
tr @ VCC = 30 V
20
120
TC
TA
0
10
20
30
40
TC
TA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com