Electronic Components Datasheet Search
  English  ▼

X  

SPRUG09 Datasheet(PDF) 115 Page - Texas Instruments

Part # SPRUG09
Description  TMS320C6474 Multicore Digital Signal Processor
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SPRUG09 Datasheet(HTML) 115 Page - Texas Instruments

Back Button SPRUG09 Datasheet HTML 111Page - Texas Instruments SPRUG09 Datasheet HTML 112Page - Texas Instruments SPRUG09 Datasheet HTML 113Page - Texas Instruments SPRUG09 Datasheet HTML 114Page - Texas Instruments SPRUG09 Datasheet HTML 115Page - Texas Instruments SPRUG09 Datasheet HTML 116Page - Texas Instruments SPRUG09 Datasheet HTML 117Page - Texas Instruments SPRUG09 Datasheet HTML 118Page - Texas Instruments SPRUG09 Datasheet HTML 119Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 214 page
background image
8
3
7
1
2
POR
XWRST
RESETSTAT
BootandDevice
ConfigurationPins
TMS320C6474
www.ti.com
SPRS552H
– OCTOBER 2008 – REVISED APRIL 2011
7.7.7
Reset Electrical Data/Timing
Table 7-20. Timing Requirements for Reset(1) (2)
(see Figure 7-7 and Figure 7-8)
NO.
MIN
MAX
UNIT
1
th(SUPPLY-POR)
Hold Time, POR low after supplies stable and input clocks valid
100
μs
2
tsu(XWRSTH-PORH)
Setup Time, XWRSTx high to POR high
100
μs
4
tw(XWRST)
Pulse Duration, XWRST low
24C
ns
7
ts(BOOT)
Setup time, boot mode and configuration pins valid before POR
12C
ns
or XWRST high
8
th(BOOT)
Hold time, bootmode and configuration pins valid after POR or
12C
ns
XWRST high
(1)
If CORECLKSEL = 0, C = 1/SYSCLK(N|P) frequency, in ns.
(2)
If CORECLKSEL = 1, C = 1/ALTCORECLK(N|P) frequency, in ns.
Table 7-21. Switching Characteristics Over Recommended Operating Conditions During Reset(1)
(see Figure 7-7 and Figure 7-8)
NO.
MIN
MAX
UNIT
3
td(PORH-RSTATH)
Delay Time, POR high to RESETSTAT high
21000C
ns
5
td(XWRSTH-RSTATH)
Delay Time, XWRST high to RESETSTAT high
35C
ns
(1)
C = 1/CPU frequency, in ns.
Table 7-22. Switching Characteristics Over Recommended Operating Conditions for Warm Reset
(see Figure 7-9)
NO.
MIN
MAX
UNIT
9
tsu(PORH-XWRSTL)
Setup time, POR high to XWRST low
1.34
ms
Figure 7-7. Power-On Reset Timing
Copyright
© 2008–2011, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
115
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com