Electronic Components Datasheet Search
  English  ▼

X  

SPRUG09 Datasheet(PDF) 119 Page - Texas Instruments

Part # SPRUG09
Description  TMS320C6474 Multicore Digital Signal Processor
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SPRUG09 Datasheet(HTML) 119 Page - Texas Instruments

Back Button SPRUG09 Datasheet HTML 115Page - Texas Instruments SPRUG09 Datasheet HTML 116Page - Texas Instruments SPRUG09 Datasheet HTML 117Page - Texas Instruments SPRUG09 Datasheet HTML 118Page - Texas Instruments SPRUG09 Datasheet HTML 119Page - Texas Instruments SPRUG09 Datasheet HTML 120Page - Texas Instruments SPRUG09 Datasheet HTML 121Page - Texas Instruments SPRUG09 Datasheet HTML 122Page - Texas Instruments SPRUG09 Datasheet HTML 123Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 214 page
background image
TMS320C6474
www.ti.com
SPRS552H
– OCTOBER 2008 – REVISED APRIL 2011
7.8.2
PLL1 Controller Memory Map
The memory map of the PLL1 controller is shown in Table 7-24. Note that only registers documented here
are accessible on the device. Other addresses in the PLL1 controller memory map should not be modified.
Table 7-24. PLL1 Controller Registers (Including Reset Controller)
HEX ADDRESS
ACRONYM
REGISTER NAME
029A 0000 - 029A 00E3
-
Reserved
029A 00E4
RSTYPE
Reset Type Status Register (Reset Controller)
029A 00E8 - 029A 00FF
-
Reserved
029A 0100
PLLCTL
PLL Control Register
029A 0104
-
Reserved
029A 0108
-
Reserved
029A 010C
-
Reserved
029A 0110
PLLM
PLL Multiplier Control Register
029A 0114
-
Reserved
029A 0118
-
Reserved
029A 011C
-
Reserved
029A 0120
-
Reserved
029A 0124
-
Reserved
029A 0128
-
Reserved
029A 012C
-
Reserved
029A 0130
-
Reserved
029A 0134
-
Reserved
029A 0138
PLLCMD
PLL Controller Command Register
029A 013C
PLLSTAT
PLL Controller Status Register
029A 0140
ALNCTL
PLL Controller Clock Align Control Register
029A 0144
DCHANGE
PLLDIV Ratio Change Status Register
029A 0148
-
Reserved
029A 014C
-
Reserved
029A 0150
SYSTAT
SYSCLK Status Register
029A 0154
-
Reserved
029A 0158
-
Reserved
029A 015C
-
Reserved
029A 0160
-
Reserved
029A 0164
-
Reserved
029A 0168
-
Reserved
029A 016C
-
Reserved
029A 0170
-
Reserved
029A 0174
-
Reserved
029A 0178
-
Reserved
029A 017C
PLLDIV11
PLL Controller Divider 11 Register
029A 0180
-
Reserved
029A 0184
PLLDIV13
PLL Controller Divider 13 Register
029A 0188
-
Reserved
029A 018C
-
Reserved
Copyright
© 2008–2011, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
119
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com