Electronic Components Datasheet Search
  English  ▼

X  

SPRUG09 Datasheet(PDF) 153 Page - Texas Instruments

Part # SPRUG09
Description  TMS320C6474 Multicore Digital Signal Processor
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SPRUG09 Datasheet(HTML) 153 Page - Texas Instruments

Back Button SPRUG09 Datasheet HTML 149Page - Texas Instruments SPRUG09 Datasheet HTML 150Page - Texas Instruments SPRUG09 Datasheet HTML 151Page - Texas Instruments SPRUG09 Datasheet HTML 152Page - Texas Instruments SPRUG09 Datasheet HTML 153Page - Texas Instruments SPRUG09 Datasheet HTML 154Page - Texas Instruments SPRUG09 Datasheet HTML 155Page - Texas Instruments SPRUG09 Datasheet HTML 156Page - Texas Instruments SPRUG09 Datasheet HTML 157Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 214 page
background image
TMS320C6474
www.ti.com
SPRS552H
– OCTOBER 2008 – REVISED APRIL 2011
Table 7-55. Ethernet MAC (EMAC) Control Registers (continued)
HEX ADDRESS
ACRONYM
REGISTER NAME
02C8 0660
RX0CP
Receive Channel 0 Completion Pointer (Interrupt Acknowledge)
Register
02C8 0664
RX1CP
Receive Channel 1 Completion Pointer (Interrupt Acknowledge)
Register
02C8 0668
RX2CP
Receive Channel 2 Completion Pointer (Interrupt Acknowledge)
Register
02C8 066C
RX3CP
Receive Channel 3 Completion Pointer (Interrupt Acknowledge)
Register
02C8 0670
RX4CP
Receive Channel 4 Completion Pointer (Interrupt Acknowledge)
Register
02C8 0674
RX5CP
Receive Channel 5 Completion Pointer (Interrupt Acknowledge)
Register
02C8 0678
RX6CP
Receive Channel 6 Completion Pointer (Interrupt Acknowledge)
Register
02C8 067C
RX7CP
Receive Channel 7 Completion Pointer (Interrupt Acknowledge)
Register
02C8 0680 - 02C8 06FC
-
Reserved
02C8 0700 - 02C8 077C
-
Reserved
02C8 0780 - 02C8 0FFF
-
Reserved
Table 7-56. EMAC Statistics Registers
HEX ADDRESS
ACRONYM
REGISTER NAME
02C8 0200
RXGOODFRAMES
Good Receive Frames Register
02C8 0204
RXBCASTFRAMES
Broadcast Receive Frames Register (Total number of
Good Broadcast Frames Receive)
02C8 0208
RXMCASTFRAMES
Multicast Receive Frames Register (Total number of Good
Multicast Frames Received)
02C8 020C
RXPAUSEFRAMES
Pause Receive Frames Register
02C8 0210
RXCRCERRORS
Receive CRC Errors Register (Total number of Frames
Received with CRC Errors)
02C8 0214
RXALIGNCODEERRORS
Receive Alignment/Code Errors register (Total number of
frames Received with alignment/code errors)
02C8 0218
RXOVERSIZED
Receive Oversized Frames Register (Total number of
Oversized Frames Received)
02C8 021C
RXJABBER
Receive Jabber Frames Register (Total number of Jabber
Frames Received)
02C8 0220
RXUNDERSIZED
Receive Undersized Frames Register (Total number of
Undersized Frames Received)
02C8 0224
RXFRAGMENTS
Receive Frame Fragments Register
02C8 0228
RXFILTERED
Filtered Receive Frames Register
02C8 022C
RXQOSFILTERERED
Received QOS Filtered Frames Register
02C8 0230
RXOCTETS
Receive Octet Frames Register (Total number of
Received Bytes in Good Frames)
02C8 0234
TXGOODFRAMES
Good Transmit Frames Register (Total number of Good
Frames Transmitted)
02C8 0238
TXBCASTFRAMES
Broadcast Transmit Frames Register
02C8 023C
TXMCASTFRAMES
Multicast Transmit Frames Register
02C8 0240
TXPAUSEFRAMES
Pause Transmit Frames Register
02C8 0244
TXDEFERED
Deferred Transmit Frames Register
02C8 0248
TXCOLLISION
Transmit Collision Frames Register
02C8 024C
TXSINGLECOLL
Transmit Single Collision Frames Register
02C8 0250
TXMULTICOLL
Transmit Multiple Collision Frames Register
Copyright
© 2008–2011, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
153
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com