Electronic Components Datasheet Search
  English  ▼

X  

SPRUG09 Datasheet(PDF) 154 Page - Texas Instruments

Part # SPRUG09
Description  TMS320C6474 Multicore Digital Signal Processor
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SPRUG09 Datasheet(HTML) 154 Page - Texas Instruments

Back Button SPRUG09 Datasheet HTML 150Page - Texas Instruments SPRUG09 Datasheet HTML 151Page - Texas Instruments SPRUG09 Datasheet HTML 152Page - Texas Instruments SPRUG09 Datasheet HTML 153Page - Texas Instruments SPRUG09 Datasheet HTML 154Page - Texas Instruments SPRUG09 Datasheet HTML 155Page - Texas Instruments SPRUG09 Datasheet HTML 156Page - Texas Instruments SPRUG09 Datasheet HTML 157Page - Texas Instruments SPRUG09 Datasheet HTML 158Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 214 page
background image
TMS320C6474
SPRS552H
– OCTOBER 2008 – REVISED APRIL 2011
www.ti.com
Table 7-56. EMAC Statistics Registers (continued)
HEX ADDRESS
ACRONYM
REGISTER NAME
02C8 0254
TXEXCESSIVECOLL
Transmit Excessive Collision Frames Register
02C8 0258
TXLATECOLL
Transmit Late Collision Frames Register
02C8 025C
TXUNDERRUN
Transmit Under Run Error Register
02C8 0260
TXCARRIERSENSE
Transmit Carrier Sense Errors Register
02C8 0264
TXOCTETS
Transmit Octet Frames Register
02C8 0268
FRAME64
Transmit and Receive 64 Octet Frames Register
02C8 026C
FRAME65T127
Transmit and Receive 65 to 127 Octet Frames Register
02C8 0270
FRAME128T255
Transmit and Receive 128 to 255 Octet Frames Register
02C8 0274
FRAME256T511
Transmit and Receive 256 to 511 Octet Frames Register
02C8 0278
FRAME512T1023
Transmit and Receive 512 to 1023 Octet Frames Register
02C8 027C
FRAME1024TUP
Transmit and Receive 1024 to 1518 Octet Frames
Register
02C8 0280
NETOCTETS
Network Octet Frames Register
02C8 0284
RXSOFOVERRUNS
Receive FIFO or DMA Start of Frame Overruns Register
02C8 0288
RXMOFOVERRUNS
Receive FIFO or DMA Middle of Frame Overruns Register
02C8 028C
RXDMAOVERRUNS
Receive DMA Start of Frame and Middle of Frame
Overruns Register
02C8 0290 - 02C8 02FC
-
Reserved
Table 7-57. EMAC Descriptor Memory
HEX ADDRESS
ACRONYM
REGISTER NAME
02C8 2000 - 02C8 3FFF
-
EMAC Descriptor Memory
Table 7-58. SGMII Control Registers
HEX ADDRESS
ACRONYM
REGISTER NAME
02C4 0000
IDVER
Identification and Version Register
02C4 0004
SOFT_RESET
Software Reset Register
02C4 0010
CONTROL
Control Register
02C4 0014
STATUS
Status Register
02C4 0018
MR_ADV_ABILITY
Advertised Ability Register
02C4 001C
-
Reserved
02C4 0020
MR_LP_ADV_ABILITY
Link Partner Advertised Ability Register
02C4 0024
-
Reserved
02C4 0030
TX_CFG
Transmit Configuration Register
02C4 0034
RX_CFG
Receive Configuration Register
02C4 0038
AUX_CFG
Auxiliary Configuration Register
02C4 0040 - 02C4 0048
-
Reserved
Table 7-59. EMAC Interrupt Control (EMIC) Registers
HEX ADDRESS
ACRONYM
REGISTER NAME
02C8 1000
IDVER
Identification and Version Register
02C8 1004
SOFT_RESET
Software Reset Register
02C8 1008
EM_CONTROL
Emulation Control Register
02C8 100C
INT_CONTROL
Interrupt Control Register
02C8 1010
C0_RX_THREST_EN
Core 0 Receive Threshold Interrupt Enable Register
02C8 1014
C0_RX_EN
Core 0 Receive Interrupt Enable Register
02C8 1018
C0_TX_EN
Core 0 Transmit Interrupt Enable Register
154
Peripheral Information and Electrical Specifications
Copyright
© 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com