Electronic Components Datasheet Search
  English  ▼

X  

SPRUG11 Datasheet(PDF) 16 Page - Texas Instruments

Part # SPRUG11
Description  TMS320C6474 Multicore Digital Signal Processor
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SPRUG11 Datasheet(HTML) 16 Page - Texas Instruments

Back Button SPRUG11 Datasheet HTML 12Page - Texas Instruments SPRUG11 Datasheet HTML 13Page - Texas Instruments SPRUG11 Datasheet HTML 14Page - Texas Instruments SPRUG11 Datasheet HTML 15Page - Texas Instruments SPRUG11 Datasheet HTML 16Page - Texas Instruments SPRUG11 Datasheet HTML 17Page - Texas Instruments SPRUG11 Datasheet HTML 18Page - Texas Instruments SPRUG11 Datasheet HTML 19Page - Texas Instruments SPRUG11 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 214 page
background image
TMS320C6474
SPRS552H
– OCTOBER 2008 – REVISED APRIL 2011
www.ti.com
Table 2-3. C6474 Supported Boot Modes
MODE NAME
BOOTMODE[3:0]
DESCRIPTION
No Boot
0000b
No Boot (BOOTMODE[3:0] = 0000b)
I2C Master Boot A
0001b
Slave I2C address is 0x50. C64x+ Megamodule Core 0 configures I2C, acts as a
master to the I2C bus and copies data from an I2C EEPROM or a device acting as an
I2C slave to the DSP using a predefined boot table format. The destination address
and length are contained within the boot table. After boot table copy is complete, the
C64x+ Megamodule Core 0 brings the other C64x+ Megamodule Cores out of reset
by setting to 1 the EVTPULSE4 bit (bit 4) of the C64x+ Megamodule Core EVTASRT
register.
I2C Master Boot B
0010b
Similar to I2C boot A except the slave I2C address is 0x51.
I2C Slave Boot
0011
The C64x+ Megamodule Core 0 configures I2C and acts as a slave and will accept
data and code section packets through the I2C interface. It is required that an I2C
master in present in the system.
EMAC Master Boot
0100b
TI Ethernet Boot, C64x+ Megamodule Core 0 configures EMAC0 and EDMA, if
required, and brings the code image into the internal on-chip memory via the protocol
EMAC Slave Boot
0101b
defined by the boot method (EMAC bootloader). After initializing the on-chip memory
EMAC Forced-Mode Boot
0110b
to the known state, C64x+ Megamodule Core 0 brings the other C64x+ Megamodule
Cores out of reset.
Reserved
0111b
Reserved
Serial RapidIO Boot (Config 0)
1000b
The C64x+ Megamodule Core 0 configures the SRIO and an external host loads the
application via SRIO peripheral, using directIO protocol. A doorbell interrupt is used to
Serial RapidIO Boot (Config 1)
1001b
indicate that the code has been loaded. For more details on the Serial RapidIO
Serial RapidIO Boot (Config 2)
1010b
configurations, see Table 2-4.
Serial RapidIO Boot (Config 3)
1011b
C64x+ Megamodule Core 0 configures Serial RapidIO and EDMA, if required, and brings the code image
into the internal on-chip memory via the protocol defined by the boot method (SRIO bootloader) and then
C64x+ Megamodule Core 0 brings the other C64x+ Megamodule Cores out of reset. Note that SRIO boot
modes are only supported on port 0.
Table 2-4. Serial RapidIO (SRIO) Supported Boot Modes
SRIO BOOT MODE
SERDES CLOCK
LINK RATE
BOOTMODE[3:0]
Bootmode 8 - Config 0
125 MHz
1.25 Gbps
1000b
Bootmode 9 - Config 1
125 MHz
3.125 Gbps
1001b
Bootmode 10 - Config 2
156.25 MHz
1.25 Gbps
1010b
Bootmode 11 - Config 3
156.25 MHz
3.125 Gbps
1011b
All the other BOOTMODE[3:0] modes are reserved.
2.4.2
Second-Level Bootloaders
Any of the boot modes can be used to download a second-level bootloader. A second-level bootloader
allows for any level of customization to current boot methods as well as the definition of a completely
customized boot.
16
Device Overview
Copyright
© 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s) :TMS320C6474



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com