Electronic Components Datasheet Search
  English  ▼

X  

TLC274ID Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TLC274ID
Description  The TLC274 and TLC279 quad operational amplifiers combine a wide range of input offset voltage grades with low offset voltage drift, high...
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC274ID Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLC274ID Datasheet HTML 9Page - Texas Instruments TLC274ID Datasheet HTML 10Page - Texas Instruments TLC274ID Datasheet HTML 11Page - Texas Instruments TLC274ID Datasheet HTML 12Page - Texas Instruments TLC274ID Datasheet HTML 13Page - Texas Instruments TLC274ID Datasheet HTML 14Page - Texas Instruments TLC274ID Datasheet HTML 15Page - Texas Instruments TLC274ID Datasheet HTML 16Page - Texas Instruments TLC274ID Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 53 page
background image
TLC274, TLC274A, TLC274B, TLC274Y, TLC279
LinCMOS PRECISION QUAD OPERATIONAL AMPLIFIERS
SLOS092D − SEPTEMBER 1987 − REVISED MARCH 2001
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
operating characteristics at specified free-air temperature, VDD = 5 V
PARAMETER
TEST CONDITIONS
TA
TLC274I, TLC274AI,
TLC274BI, TLC279I
UNIT
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
25
°C
3.6
R = 10 k ,
VIPP = 1 V
−40
°C
4.5
SR
Slew rate at unity gain
RL = 10 kΩ,
CL = 20 PF,
VIPP = 1 V
85
°C
2.8
V/ s
SR
Slew rate at unity gain
L
CL = 20 PF,
See Figure 1
25
°C
2.9
V/
µs
See Figure 1
VIPP = 2.5 V
−40
°C
3.5
VIPP = 2.5 V
85
°C
2.3
Vn
Equivalent input noise voltage
f = 1 kHz,
See Figure 2
RS = 20 Ω,
25
°C
25
nV/
√Hz
VO = VOH,
CL = 20 PF,
25
°C
320
BOM
Maximum output-swing bandwidth
VO = VOH,
RL = 10 kΩ,
CL = 20 PF,
See Figure 1
−40
°C
380
kHz
BOM
Maximum output-swing bandwidth
RL = 10 kΩ,
See Figure 1
85
°C
250
kHz
VI = 10 mV,
CL = 20 PF,
25
°C
1.7
B1
Unity-gain bandwidth
VI = 10 mV,
See Figure 3
CL = 20 PF,
−40
°C
2.6
MHz
B1
Unity-gain bandwidth
See Figure 3
85
°C
1.2
MHz
VI = 10 mV,
f = B1,
25
°C
46
°
φm
Phase margin
VI = 10 mV,
CL = 20 PF,
f = B1,
See Figure 3
−40
°C
49
°
m
Phase margin
CL = 20 PF,
See Figure 3
85
°C
43
°
operating characteristics at specified free-air temperature, VDD = 10 V
PARAMETER
TEST CONDITIONS
TA
TLC274I, TLC274AI,
TLC274BI, TLC279I
UNIT
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
25
°C
5.3
R = 10
,
VIPP = 1 V
−40
°C
6.7
SR
Slew rate at unity gain
RL = 10 Ω,
CL = 20 PF,
VIPP = 1 V
85
°C
4
V/ s
SR
Slew rate at unity gain
L
CL = 20 PF,
See Figure 1
25
°C
4.6
V/
µs
See Figure 1
VIPP = 5.5 V
−40
°C
5.8
VIPP = 5.5 V
85
°C
3.5
Vn
Equivalent input noise voltage
f = 1 kHz,
See Figure 2
RS = 20 Ω,
25
°C
25
nV/
√Hz
VO = VOH,
CL = 20 PF,
25
°C
200
BOM
Maximum output-swing bandwidth
VO = VOH,
RL = 10 kΩ,
CL = 20 PF,
See Figure 1
−40
°C
260
kHz
BOM
Maximum output-swing bandwidth
RL = 10 kΩ,
See Figure 1
85
°C
130
kHz
VI = 10 mV,
CL = 20 PF,
25
°C
2.2
B1
Unity-gain bandwidth
VI = 10 mV,
See Figure 3
CL = 20 PF,
−40
°C
3.1
MHz
B1
Unity-gain bandwidth
See Figure 3
85
°C
1.7
MHz
VI = 10 mV,
f = B1,
25
°C
49
°
φm
Phase margin
VI = 10 mV,
CL = 20 PF,
f = B1,
See Figure 3
−40
°C
52
°
m
Phase margin
CL = 20 PF,
See Figure 3
85
°C
46
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com