Electronic Components Datasheet Search
  English  ▼

X  

W3013 Datasheet(PDF) 4 Page - Agere Systems

Part # W3013
Description  W3013 Indirect Quadrature Modulator with Gain Control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

W3013 Datasheet(HTML) 4 Page - Agere Systems

  W3013 Datasheet HTML 1Page - Agere Systems W3013 Datasheet HTML 2Page - Agere Systems W3013 Datasheet HTML 3Page - Agere Systems W3013 Datasheet HTML 4Page - Agere Systems W3013 Datasheet HTML 5Page - Agere Systems W3013 Datasheet HTML 6Page - Agere Systems W3013 Datasheet HTML 7Page - Agere Systems W3013 Datasheet HTML 8Page - Agere Systems W3013 Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
W3013 Indirect Quadrature Modulator
Preliminary Data Sheet
with Gain Control
November 1998
4
Lucent Technologies Inc.
Operating Ranges
This table lists the ranges of external conditions in which the W3013 provides general functionality that may be
useful in specific applications without risk of permanent damage. However, performance is not guaranteed over
the full range of all possible conditions. The conditions for guaranteed performance are described in the
Electrical Characteristics table.
Parameter
Min
Typ
Max
Unit
VCC
2.7
—
3.6
V
fLO1
100
178
350
MHz
VLO1
100
250
600
mVp-p
fLO2
100
1620
2200
MHz
VLO2
100
250
600
mVp-p
fRF
<800
—
>2200
MHz
I & Q Input Range of dc Bias for 1 Vp-p Differential Input
VCC/2 – 0.1
VCC/2
VCC/2 + 0.1
Vdc
I & Q Input Range of dc Bias for 1 Vp-p Single-ended
Input
VCC/2 – 0.1
VCC/2
VCC/2 + 0.1
Vdc
I (Q) to I ( Q ) Differential Input Swing*
—
1.0
1.1
Vp-p
Ambient Operating Temperature
–35
25
85
°C
* Distortion-dependent, e.g., 1.3 Vp-p
π/4 DQPSK peak voltage meets PDC or IS-136 distortion specification under random data modulation.
Electrical Characteristics
Table 2. Electrical Characteristics
Conditions (unless otherwise specified): TA = 25 °C
± 3 °C, VCC = 2.7 Vdc, RL = 50 Ω, fLO1 = 178 MHz,
fLO2 = 1620 MHz, PLO1 = PLO2 = –10 dBm, VBIAS(I) = VBIAS( I ) = VBIAS(Q) = VBIAS( Q ) = VCC/2;
I – I = 0.5
Ÿ cos(2
πt Ÿ 80 kHz – π/2) V, Q – Q = 0.5 Ÿ cos(2πt Ÿ 80 kHz) V, fRFOUT = 1442.08 MHz,
VAPC = 2.7 Vdc.
Parameter
Min
Typ
Max
Unit
VCC Supply Current:
Active Mode
—
37
—
mA
Sleep Mode @ VCC = 3.3 V, ENB/APC
≤ 0.1 Vdc
—
<1
50
µA
I & Q:
I & Q Signal Path: 3 dB Bandwidth (differential input)
—
21
—
MHz
I & Q Input Bias Current
—
500
1500
nA
I & Q Input Impedance
—
1
—
M
Ω
LO1:
LO1 Suppression (relative to output power)
—
45
—
dBc
LC Filter Pins: Differential Impedance
—
600
|| 1.2
—
Ω || pF
LO2:
LO2 Suppression (relative to output power)
—
35
—
dBc
Modulation Accuracy:
Carrier Suppression (relative to wanted sideband)
35
50
—
dBc
Lower Sideband Suppression
35
45
—
dBc
Transmitted I and Q Amplitude Error
—
±0.1
—
dB
Transmitted I and Q Phase Error
—
±1
—
degrees
Error Vector Magnitude (See page 6.)
—
1.3
5
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com